Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 13Page - SMSC Corporation USB4640 Datasheet HTML 14Page - SMSC Corporation USB4640 Datasheet HTML 15Page - SMSC Corporation USB4640 Datasheet HTML 16Page - SMSC Corporation USB4640 Datasheet HTML 17Page - SMSC Corporation USB4640 Datasheet HTML 18Page - SMSC Corporation USB4640 Datasheet HTML 19Page - SMSC Corporation USB4640 Datasheet HTML 20Page - SMSC Corporation USB4640 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
17
Revision 1.0 (06-09-09)
DATASHEET
GPIO6 /
SD_WP
13
I/O6
This general purpose pin may be used either as input, edge sensitive
interrupt input, or output. Custom firmware is required to activate this
function.
I/O8
Secure Digital Write Protected GPIO
This is a GPIO designated by the default firmware as the Secure
Digital card interface mechanical write protect detect pin.
MEMORY STICK INTERFACE
MS_BS
21
O8
Memory Stick Bus State
This pin is connected to the bus state pin of the MS device. It is used
to control the Bus States 0, 1, 2, and 3 (BS0, BS1, and BS3) of the
MS device.
GPIO12 /
MS_INS
31
I/O8
This general purpose pin may be used either as input, edge sensitive
interrupt input, or output. Custom firmware is required to activate this
function.
IPU
Memory Stick Card Insertion GPIO
This is a GPIO designated by the default software as the Memory
Stick card detection pin and has a weak internal pull-up resistor.
MS_SCLK
13
O8
Memory Stick System Clock
This pin is an output clock signal to the MS device.
MS_D[7:0]
20
19
17
18
32
30
23
24
I/O8PD
Memory Stick System Data In/Out
These pins are the bi-directional data signals for the MS device. In
serial mode, the most significant bit (MSB) of each byte is
transmitted first by either the memory stick controller MSC or the MS
device on MS_D0.
MS_D0, MS_D2, and MS_D3 have weak pull-down resistors. MS_D1
has a pull-down resistor if it is in parallel mode. Otherwise, it is
disabled. In 4- or 8-bit parallel modes, all MS_D7 - MS_D0 signals
have weak pull-down resistors.
xD-PICTURE CARD INTERFACE
xD_D[7:0]
30
32
33
13
17
18
19
20
I/O8PD
xD-Picture Card Data 7-0
These pins are the bi-directional data signals xD_D7 - xD_D0 and
have weak internal pull-down resistors.
xD_ALE
23
O8PD
xD-Picture Card Address Strobe
This pin is an active high Address Latch Enable (ALE) signal for the
xD-Picture Card device. This pin has a weak pull-down resistor that
is permanently enabled.
Table 6.1 USB4640/USB4640i Pin Descriptions (continued)
SYMBOL
48-PIN
QFN
BUFFER
TYPE
(Table 6.2)DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com