Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 53 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 53 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 49Page - SMSC Corporation USB4640 Datasheet HTML 50Page - SMSC Corporation USB4640 Datasheet HTML 51Page - SMSC Corporation USB4640 Datasheet HTML 52Page - SMSC Corporation USB4640 Datasheet HTML 53Page - SMSC Corporation USB4640 Datasheet HTML 54Page - SMSC Corporation USB4640 Datasheet HTML 55Page - SMSC Corporation USB4640 Datasheet HTML 56Page - SMSC Corporation USB4640 Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
53
Revision 1.0 (06-09-09)
DATASHEET
Chapter 9 AC Specifications
9.1
Oscillator/Crystal
Parallel Resonant, Fundamental Mode, 24 MHz
± 350 ppm.
Figure 9.1 Typical Crystal Circuit
Table 9.1 Crystal Circuit Legend
Figure 9.2 Capacitance Formulas
Note 9.1
C0 is usually included (subtracted by the crystal manufacturer) in the specification for CL
and should be set to ‘0’ for use in the calculation of the capacitance formulas in Figure 9.2,
"Capacitance Formulas". However, the OEM PCB itself may present a parasitic
capacitance between XTAL1 and XTAL2. For an accurate calculation of C1 and C2, take
the parasitic capacitance between traces XTAL1 and XTAL2 into account.
Note 9.2
Each of these capacitance values is typically approximately 18 pF.
SYMBOL
DESCRIPTION
IN ACCORDANCE WITH
C0
Crystal shunt capacitance
Crystal manufacturer’s specification (See Note 9.1)
CL
Crystal load capacitance
CB
Total board or trace
capacitance
OEM board design
CS
Stray capacitance
SMSC IC and OEM board design
CXTAL
XTAL pin input capacitance
SMSC IC
C1
Load capacitors installed on
OEM board
Calculated values based on Figure 9.2,
"Capacitance Formulas" (See Note 9.2)
C2
C1 = 2 x (CL – C0) – CS1
C2 = 2 x (CL – C0) – CS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com