Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 61Page - ATMEL Corporation AT697E Datasheet HTML 62Page - ATMEL Corporation AT697E Datasheet HTML 63Page - ATMEL Corporation AT697E Datasheet HTML 64Page - ATMEL Corporation AT697E Datasheet HTML 65Page - ATMEL Corporation AT697E Datasheet HTML 66Page - ATMEL Corporation AT697E Datasheet HTML 67Page - ATMEL Corporation AT697E Datasheet HTML 68Page - ATMEL Corporation AT697E Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 154 page
background image
64
AT697E
4226G–AERO–05/09
Debug Support Unit - DSU
Overview
The AT697 processor includes an hardware debug support unit to aid software debug-
ging on target hardware. The support is provided through two modules: a debug support
unit (DSU) and a debug communication link (DCL).
The DSU can put the processor in debug mode, allowing read/write access to all pro-
cessor registers and cache memories. The DSU also contains a trace buffer which
stores executed instructions or data transfers on the internal bus. The debug communi-
cations link implements a simple read/write protocol and uses standard asynchronous
UART communications.
Figure 38. Debug Support Unit and Communication Link
It is possible to debug the processor through any master on the internal bus. The PCI
interface is build in as a master on the internal bus. All debug features are available from
any PCI master.
Debug Support Unit
The debug support unit is used to control the trace buffer and the processor debug
mode. The DSU master occupies a 2 Mbyte address space on the internal bus. Through
this address space, any other masters like PCI can access the processor registers and
the contents of the trace buffer.
The DSU control registers can be accessed at any time, while the processor registers
and caches can only be accessed when the processor has entered debug mode. The
trace buffer can be accessed only when tracing is disabled or completed. In debug
mode, the processor pipeline is held and the processor is controlled by the DSU. Enter-
ing the debug mode can occur on the following events:
•
executing a breakpoint instruction (ta 1)
•
integer unit hardware breakpoint/watchpoint hit (trap 0x0B)
•
rising edge of the external break signal (DSUBRE)
•
setting the break-now (BN) bit in the DSU control register
•
a trap that would cause the processor to enter error mode
•
occurrence of any, or a selection of traps as defined in the DSU control register
•
after a single-step operation
AT697 SPARC V8
Integer unit
I-Cache
D-Cache
AMBA AHB
AT697 processor
Debug
Support Unit
Debug
Comm. Link
AHB interface
Debug I/F
Trace
Buffer
DSUTX
DSURX
DSUEN
DSUBRE
DSUACT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com