Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 18Page - ATMEL Corporation AT697E Datasheet HTML 19Page - ATMEL Corporation AT697E Datasheet HTML 20Page - ATMEL Corporation AT697E Datasheet HTML 21Page - ATMEL Corporation AT697E Datasheet HTML 22Page - ATMEL Corporation AT697E Datasheet HTML 23Page - ATMEL Corporation AT697E Datasheet HTML 24Page - ATMEL Corporation AT697E Datasheet HTML 25Page - ATMEL Corporation AT697E Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 154 page
background image
22
AT697E
4226G–AERO–05/09
Traps Description
•
reset - A reset trap is caused by an external reset request. It causes the processor
to begin executing at virtual address 0. After a Reset Trap, no special memory
states are defined exept the PSR’s ‘et’ and ‘s’ bits that are initialized respectively ‘0’
and ‘1’.
•
write error - An error exception occurred on a data store to memory.
•
instruction_access_exception - A blocking error exception occurred on an
instruction access.
•
illegal_instruction - An attempt was made to execute an instruction with an
unimplemented opcode, or an UNIMP instruction, or an instruction that would result
in illegal processor state.
•
privileged_instruction - An attempt was made to execute a privileged instruction
while supervisor bit (s) in PSR is ‘0’ (not in supervisor mode).
•
fp_disabled - An attempt was made to execute an FPU instruction while FPU is not
enabled or not present.
•
cp_disabled - An attempt was made to execute a co-processor instruction while co-
processor is not enabled or not present.
•
watchpoint_detected - An instruction fetch memory address or load/store data
memory address matched the contents of a pre-loaded implementation-dependent
“watchpoint” register.
•
window_overflow - A SAVE instruction attempted to cause the current window
pointer (CWP) to point to an invalid window in the WIM.
•
window_underflow - A RESTORE or RETT instruction attempted to cause the
current window pointer (CWP) to point to an invalid window in the WIM.
•
register_hardware_error - An error exception occurred on a read only register
access.
A register file uncorrectable error was detected.
•
mem_address_not_aligned - A load/store instruction would have generated a
memory address that was not properly aligned according to the instruction, or a
JMPL or RETT instruction would have generated a non-word-aligned address.
•
fp_exception - An FPU instruction generated an IEEE_754_exception and its
corresponding trap enable mask (TEM) bit was 1, or the FPU instruction was
unimplemented, or the FPU instruction did not complete, or there was a sequence
or hardware error in the FPU. The type of floating-point exception is encoded in the
FSR’s ftt field.
•
data_access_exception - A blocking error exception occurred on a load/store data
access. EDAC uncorrectable error.
•
tag_overflow - A tagged arithmetic instruction was executed, and either arithmetic
overflow occurred or at least one of the tag bits of the operands was non zero.
•
trap_division_by_zero - An integer divide instruction attempted to divide by zero.
•
trap_instruction - A software instruction (Ticc) was executed and the trap condition
evaluated to true.
When multiple synchronous traps occur at the same cycle (i.e hardware errors), the
highest priority trap is taken, and lower priority traps are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com