Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 91Page - ATMEL Corporation AT697E Datasheet HTML 92Page - ATMEL Corporation AT697E Datasheet HTML 93Page - ATMEL Corporation AT697E Datasheet HTML 94Page - ATMEL Corporation AT697E Datasheet HTML 95Page - ATMEL Corporation AT697E Datasheet HTML 96Page - ATMEL Corporation AT697E Datasheet HTML 97Page - ATMEL Corporation AT697E Datasheet HTML 98Page - ATMEL Corporation AT697E Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 154 page
background image
94
AT697E
4226G–AERO–05/09
The period between each AUTO-REFRESH command is calculated as follows:
tREFRESH = ((reload value) + 1) / SYSCLK
Table 45. Memory Configuration Register 3 - MCFG3
Address = 0x80000008
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
rfc
me
srcrv
wb
rb re pe
tcb
r
r/w
r
r/w
r/w r/w r/w r/w
r/w
11
xx
1
xxx xxxx xxxx xxxx
x
x
x
x
xxxx xxxx
Bit Number
Mnemonic
Description
31:30
rfc
Register file check bits.
Indicates how many checkbits are used for the register file (11=7 (EDAC))
27
me
Memory EDAC
Indicates if a memory EDAC is present
26:12
srcrv
SDRAM refresh counter reload value.
11
wb
EDAC diagnostic write bypass
10
rb
EDAC diagnostic read bypass
9
re
RAM EDAC enable.
Enable EDAC checking of the RAM area
8
pe
PROM EDAC enable.
Enable EDAC checking of the PROM area. At reset, this bit is initialised with the value of PIO[2]
7:0
tcb
Test checkbits.
This field replaces the normal checkbits during store cycles when WB is set. TCB is also loaded
with the memory checkbits during load cycles when RB is set.
Table 46. Write Protection Register 1 - WPR1
Address = 0x8000001C
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
en bp
tag[14:0]
mask[14:0]
r/w r/w
r/w
r/w
x
x
xx xxxx xxxx xxxx x
xxx xxxx xxxx xxxx
Bit Number
Mnemonic
Description
31
en
Enable.
If set, enables the write protect unit
30
bp
Block protect
If set, selects block protect mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com