Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 3Page - ATMEL Corporation AT697E Datasheet HTML 4Page - ATMEL Corporation AT697E Datasheet HTML 5Page - ATMEL Corporation AT697E Datasheet HTML 6Page - ATMEL Corporation AT697E Datasheet HTML 7Page - ATMEL Corporation AT697E Datasheet HTML 8Page - ATMEL Corporation AT697E Datasheet HTML 9Page - ATMEL Corporation AT697E Datasheet HTML 10Page - ATMEL Corporation AT697E Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 154 page
background image
7
AT697
4226G–AERO–05/09
Table 5. AT697E MQFP256 pinout (suite)
pin
number
pin name
pin
number
pin name
pin
number
pin name
91
VCC33
124
D25
157
A19
92
D1
125
D26
158
A20
93
D2
126
D27
159
A21
94
D3
127
D28
160
A22
95
D4
128
D29
161
VSS
96
D5
129
D30
162
VCC33
97
D6
130
VCC33
163
A23
98
Reserved
131
D31
164
A24
99
VCC33
132
N.C.
165
A25
100
D7
133
A0
166
A26
101
D8
134
A1
167
A27
102
D9
135
VSS
168
WDOG
103
D10
136
VDD18
169
ERROR
104
D11
137
A2
170
VCC33
105
D12
138
A3
171
RESET
106
VCC33
139
A4
172
Reserved
107
D13
140
VCC33
173
LOCK
108
D14
141
A5
174
SKEW1
109
D15
142
A6
175
SKEW0
110
D16
143
A7
176
BYPASS
111
D17
144
A8
177
VSS_PLL
112
VSS
145
A9
178
FLT
113
D18
146
A10
179
VDD_PLL
114
VCC33
147
VCC33
180
CLK
115
D19
148
A11
181
VCC33
116
D20
149
A12
182
PCI_AREQ3
117
D21
150
A13
183
PCI_AGNT3
118
D22
151
A14
184
PCI_AREQ2
119
D23
152
A15
185
VSS
120
D24
153
A16
186
VDD18
121
VSS
154
VCC33
187
PCI_AGNT2
122
VDD18
155
A17
188
PCI_AREQ1
123
VCC33
156
A18
189
VCC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com