Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 30Page - ATMEL Corporation AT697E Datasheet HTML 31Page - ATMEL Corporation AT697E Datasheet HTML 32Page - ATMEL Corporation AT697E Datasheet HTML 33Page - ATMEL Corporation AT697E Datasheet HTML 34Page - ATMEL Corporation AT697E Datasheet HTML 35Page - ATMEL Corporation AT697E Datasheet HTML 36Page - ATMEL Corporation AT697E Datasheet HTML 37Page - ATMEL Corporation AT697E Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 154 page
background image
33
AT697
4226G–AERO–05/09
Figure 14. SRAM 8-bit bus width connection
Since access to memory is always done on 32-bit word basis, read access to 8-bit mem-
ory will be transformed in a burst of four read cycles. If EDAC protection is active, 5 read
cycles are necessary to complete the access (please refer to “Error Management -
EDAC” on page 41 for more details). During write operation, only the necessary bytes
are writen.
In addition to the 8-bit mode, the SRAM area can be configured for 16-bit accesses. In
this configuration, the SRAM device is accessed with a burst of two 16-bit accesses. No
EDAC protection can be used with suh configuration.
When the bus is configured as an 16-bit wide bus, data 31 downto 16 shall be used as
interface.
Figure 15. SRAM 16-bit bus width connection
Write Protection
Write protection is provided to prevent accidental over-writing to the RAM area. Two
block protection units are available for RAM area. Each one is controlled through a write
protection register (WPRn). Two major fields are defined : a TAG and a MASK.
•
The TAG defines the 15 most significant bits of the address of the block to be write
protected.
•
The Mask specifies which bits of the TAG are really relevant for the protection.
Operation
The write protection on the RAM area is enabled setting logical one the enable bit (EN)
in the write protect register (WPRn). If this bit is set logical zero, no protection is
activated.
Two protection modes can be programmed. If the block protect bit (BP) of the write pro-
tect register (WPRn) is set logical one the protection is active within the segment. If the
BP bit is set logical zero, the exterior of the segment is protected.
CS
OE
WE
A
D
SRAM
RAMOE0*
AD
AT697
A[27:0]
D[31:24]
D[31:24]
A[27:0]
RWE0*
RAMS0*
CS
OE
WE
A
D
SRAM
RAMOE0*
AD
AT697
A[27:0]
D[31:24]
D[31:16]
A[27:1]
RWE0*
RAMS0*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com