Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 49Page - ATMEL Corporation AT697E Datasheet HTML 50Page - ATMEL Corporation AT697E Datasheet HTML 51Page - ATMEL Corporation AT697E Datasheet HTML 52Page - ATMEL Corporation AT697E Datasheet HTML 53Page - ATMEL Corporation AT697E Datasheet HTML 54Page - ATMEL Corporation AT697E Datasheet HTML 55Page - ATMEL Corporation AT697E Datasheet HTML 56Page - ATMEL Corporation AT697E Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 154 page
background image
52
AT697E
4226G–AERO–05/09
PCI Interface
Overview
The PCI interface implementation is compliant with the PCI 2.2 specification. It is a high
performance 32-bit bus interface with multiplexed address and data lines. It is intended
for use as an interconnect mechanism between processor/memory systems and periph-
eral controller components.
The AT697 processor embedds the In-Silicon PCI core. It is interfaced to the processor
core through the PCI to AMBA bridge developped by the European Space Agency.
The PCI bus operations can be clocked at a frequency up to 33MHz, independently of
the processor clock. Synchronization of the operation between PCI interface and AT697
core implies numerous FIFO usage. This implementation allows to use the device for
Initiator (Master) and Target operations. In each mode single word and burst transfer
can be executed.
Two different operating modes can be used with the PCI interface :
•
Host Bridge
The host-bridge connects the local bus of a processor to the PCI bus. Its PCI
configuration registers are accessible locally by the processor, but not through PCI
configuration cycles. Host-bridge initialises other satellite devices through PCI
configuration commands.
•
Sattelite
The satellite is a PCI device, configurable via PCI configuration cycles and the idsel
line, but not locally.
Both, host-bridge and satellites can be initiator and/or target on the bus. The present
interface has universal functionality, allowing both operation modes. The mode is config-
ured via an hardware bootstrap on the SYSEN* pin.
Some other features are supported by this interface like
•
Target lock support
•
Zero-latency Fast Back-to-Back transfers
•
Zero wait state burst mode transfers
•
Support for memory read line/multiple
•
Support for memory write and invalidate commands
•
Delayed read support
•
Flexible error reporting by polling
The PCI bus is a multiplexed one. In this way, address and data through the same
medium. That is why PCI communication is based on two phase burst transfer. Each
transfer is composed of the following phases :
•
An address phase
During the address phase, the initiator of the communication drives the 32-bit
address concerned by the transfer and the command involved through this transfer.
The command defines the space area concerned with the transfer and the direction
of the transfer.
•
A data phase
During the data phase the initiator of the communication drives the enable bit signal
so that only active part of the bus is enabled. When reading, the initiator drives the
enable bits and the target set the data on the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com