Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 44Page - ATMEL Corporation AT697E Datasheet HTML 45Page - ATMEL Corporation AT697E Datasheet HTML 46Page - ATMEL Corporation AT697E Datasheet HTML 47Page - ATMEL Corporation AT697E Datasheet HTML 48Page - ATMEL Corporation AT697E Datasheet HTML 49Page - ATMEL Corporation AT697E Datasheet HTML 50Page - ATMEL Corporation AT697E Datasheet HTML 51Page - ATMEL Corporation AT697E Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 154 page
background image
47
AT697
4226G–AERO–05/09
General Purpose
Interface
The general purpose interface (GPI) consists in a 32-bit wide I/O port with alternate
facilities.
GPI as 32-bit I/O port
The interface is based on bi-directional I/O ports.The port is split in two parts, with the
lower 16-bits accessible by the parallel IO pads and the upper 16-bits via the data bus.
lower 16-bits
The lower 16-bits of the general purpose interface are accessible through PIO[15:0]. All
I/O ports have true Read-Modify-Write functionality when used as general I/O ports.
This means that the direction of one port pin can be changed without unintentionally the
direction of any other pin. The same applies when changing the drive value of the port.
Figure 33. I/O port block diagram - PIO[15:0]
configuring the pin
Each pin from PIO[15:0] consists of two register bits : IODIRx and IODATx. As shown in
the “Register Description” section, the IODIRx bits are accessed at IODIR address and
iodatx at IODAT address.
The IODIRxbit in the IODIR register selects the direction for port number x. If IODIRx is
written logic one, the corresponding pin is configured as output. If written logic zero, the
pin is configured as an input.
When the pin is configured as an input, a read of the IODATx bit in IODAT register
returns the current value of the pin. When the pin is configured as an output, if a logical
one is written to IODATx bit in IODAT register, the port x is driven high. If a logical zero
is written to IODATx bit in IODAT register, the port x is driven low.
switching between input &
output
When the port x is switched from input to output by switching IODIRx, the value of
IODATx is immediatly driven on the corresponding pin.When switched from output to
input by toggling IODIRx, the value from the pin is immediatly written to IODATx.
upper 16-bits
The upper 16-bits of the general purpose interface are accessible through D[15:0]. They
can only be used when all memory areas (ROM, RAM and I/O) are 8-bit or 16-bit wide. If
the SDRAM controller is enabled, the upper 16-bits cannot be used.
IO Direction Reg.
IO Data Reg.
IODIR
IODAT
D Q
D
Q
D Q
PIOx
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com