Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 58Page - ATMEL Corporation AT697E Datasheet HTML 59Page - ATMEL Corporation AT697E Datasheet HTML 60Page - ATMEL Corporation AT697E Datasheet HTML 61Page - ATMEL Corporation AT697E Datasheet HTML 62Page - ATMEL Corporation AT697E Datasheet HTML 63Page - ATMEL Corporation AT697E Datasheet HTML 64Page - ATMEL Corporation AT697E Datasheet HTML 65Page - ATMEL Corporation AT697E Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 154 page
background image
61
AT697
4226G–AERO–05/09
Figure 37. Data frame format
Parity bit
The parity bit is calculated by doing an exclusive-or of all the data bits. The odd parity is config-
ured setting logical one the PS bit in the uart control register (UACn). In this case, the result of
the exclusive or is inverted. An even parity can be selected setting logical zero the PS bit.
If used, the parity bit is located between the last data bit and the stop bit of the serial frame.
The relation between the parity bit and data bits is as follows:
Peven
Parity bit using even parity
Podd
Parity bit using odd parity
dn
Data bit n of the character
Clock Generation
The clock generation logic generates the base clock for the Transmitters and Receivers. The bit
rate of the UART is issued from the clock generator after a combination between the input clock
of the clock module and a scaler.
Uart Clock
Two clock inputs can be used by the clock generator :
•
An internal clock
•
An external clock
Each UART can be configured to use either the internal or the external clock source by
programming the EC bit in the uart control register (UACn). If set logical zero, the UART
is clocked by the internal clock. If EC is set logical one, the UART is clocked by the
external clock. When using the external configuration, the UART clock shall be provided
by PIO[3] from the general purpose interface. This clock input is used as an alternate
function for PIO[3].
caution :
When using the external clock source, the frequency of PIO[3] must be less than half the
frequency of the system clock.
Baud Rate Generation
To generate the bit-rate, each UART has a programmable 12-bits clock divider (UAS-
CAn). According to the configuration of the EC bit in the uart control register, the scaler
is clocked either by the system or by an external clock.
Each time the scaler underflows, a UART tick is generated. The scaler is automatically
reloaded with the value of the UART scaler register after each underflow. The resulting
UART tick frequency should be 8 times the desired baud-rate.
Start D0
Stop
D6
D5
D4
D3
D2
D1
D7
Start D0
D6
D5
D4
D3
D2
D1
D7
Stop
Parity
Data frame, no parity:
Data frame with parity:
Peven
d7 … d3 d2 d1 d0 0
Podd
⊕
⊕⊕⊕⊕⊕
d7 … d3 d2 d1 d0 1
⊕
⊕⊕⊕⊕⊕
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com