Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 42Page - ATMEL Corporation AT697E Datasheet HTML 43Page - ATMEL Corporation AT697E Datasheet HTML 44Page - ATMEL Corporation AT697E Datasheet HTML 45Page - ATMEL Corporation AT697E Datasheet HTML 46Page - ATMEL Corporation AT697E Datasheet HTML 47Page - ATMEL Corporation AT697E Datasheet HTML 48Page - ATMEL Corporation AT697E Datasheet HTML 49Page - ATMEL Corporation AT697E Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 154 page
background image
45
AT697
4226G–AERO–05/09
Timer Unit
Prescaler
Timer/Counter1, Timer/Counter2 and the watchdog share the same prescaler.
The prescaler consists of a 10-bit down counter clocked by the system clock. The pres-
caler is decremented on each clock cycle. When the prescaler underflows, it is
automatically reloaded with the content of the prescaler reload register. A count tick is
generated for the two timers and the watchdog.
The effective division rate is equal to prescaler reload register value + 1.
Figure 30. Prescaler Block Diagram
Caution :
The two timers and watchdog share the same decrementer. The minimum allowed pres-
caler division factor is 4 (reload register = 3).
Timer/Counter 1 &
Timer/Counter 2
Timer/Counter1, Timer/Counter2 are two general purpose 24-bit timers. They share the
same decrementer. The timer value is then decremented each time the prescaler gener-
ates a timer pulse.
Each timer operation is controlled through a dedicated Timer Control register (TIMCTR).
A timer is enabled/disabled by setting the enable bit (en) in the timer control register.
Each time a timer underflows, an interrupt is generated. These interrupts can be
masked with the Interrupt Mask and Priority register (ITMP).
Setting the load bit (rl) in the Timer Control register, the content of the reload register
(TIMR) is automatically reloaded in the Timer Counter register (TIMC) after an under-
flow and the timer continue running. If the reload bit is reset, the timer stops running
after its first underflow.
Timer Counter can be forced with the Timer Reload value at any time by asserting the
load bit (ld) in the Timer Control register.
Control Logic
Reload Reg.
Counter Reg.
=0x3FF
clock
count tick
load
SCAR
SCAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com