Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 75Page - ATMEL Corporation AT697E Datasheet HTML 76Page - ATMEL Corporation AT697E Datasheet HTML 77Page - ATMEL Corporation AT697E Datasheet HTML 78Page - ATMEL Corporation AT697E Datasheet HTML 79Page - ATMEL Corporation AT697E Datasheet HTML 80Page - ATMEL Corporation AT697E Datasheet HTML 81Page - ATMEL Corporation AT697E Datasheet HTML 82Page - ATMEL Corporation AT697E Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 154 page
background image
78
AT697E
4226G–AERO–05/09
PLL
Overview
The CPU clock can be issued from the internal PLL. This PLL contains a phase/fre-
quency detector, charge pump, voltage control oscillator, lock detector and divider.
Figure 48. PLL Block Diagram
The PLL implemented is configured by hardware to provide a cpu clock frequency four
times the frequency of the input clock.
PLL control
The PLL control is done by hardware through dedicated ports, including a bypass, a
clock input and a filter input.
The following table presents the assignement and functions of the PLL control signals.
Table 25. PLL ports description
PLL filter
To ensure the functionality of the PLL, an external low pass filter shall be connected to
the filter input (LFT) of the PLL. Here is a presentation of the filter to setup on the LFT
pin.
LFT
LOCK
Divider
cpu
clock
PDIV4
CLK
Pin name
Function
LFT
External passive loop filter input
LOCK
Lock
CLK
Board clock input
BYPASS
Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com