Electronic Components Datasheet Search
  English  ▼

X  

AT697E Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 71Page - ATMEL Corporation AT697E Datasheet HTML 72Page - ATMEL Corporation AT697E Datasheet HTML 73Page - ATMEL Corporation AT697E Datasheet HTML 74Page - ATMEL Corporation AT697E Datasheet HTML 75Page - ATMEL Corporation AT697E Datasheet HTML 76Page - ATMEL Corporation AT697E Datasheet HTML 77Page - ATMEL Corporation AT697E Datasheet HTML 78Page - ATMEL Corporation AT697E Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 154 page
background image
74
AT697E
4226G–AERO–05/09
BYPASS
This instruction is binary coded "010"
It is used to speed up shifting at board level through components that are not to be
activated.
EXTEST
This instruction is binary coded "000"
It is used to test connections between components at board level. Components output
pins are controlled by boundary scan register during Capture DR on the rising edge of
TCK.
SAMPLE/PRELOAD
This instruction is binary coded "001"
It is used to get a snapshot of the normal operation by sampling I/O states during Cap-
ture DR on the rising edge of TCK. It allows also to preload a value on the output latches
during Update DR on falling edge of TCK. It do not modify system behaviour.
IDCODE
This instruction is binary coded "111"
Value of the IDCODE is loaded during Capture DR.
Test Data Registers
The following data registers are supported in the AT697 TAP:
Bypass Register
Bypass register containing a single shift register stage is connected between TDI and
TDO.
Figure 45. Bypass Register Cell
Device ID register
Device ID register is a read only 32-bit register.
It is connected between TDI and TDO.
Figure 46. Device ID Register
ID. register value: 0x 1b64 50b1
Field Definitions:
[31:28]: Vers - Version number - 0x1
[27:12]: Part ID - Represent part number as assigned by Vendor- 0x b645
[11:01]: Manufacturer’s ID - Represent manufacturer’s ID as per JEDEC - 0x 058
[0]: Const - Constant tied to logic ’1’.
D
from TDI
to TDO
Clock DR
Shift DR
&
Vers.
Part ID
Manufacturer’s ID
Const.
0
1
11
12
27
28
31
0001
1011 . 0110 . 0100 . 0101
000 . 0101 . 1000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com