Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 138 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 134Page - ATMEL Corporation ATmega32U2 Datasheet HTML 135Page - ATMEL Corporation ATmega32U2 Datasheet HTML 136Page - ATMEL Corporation ATmega32U2 Datasheet HTML 137Page - ATMEL Corporation ATmega32U2 Datasheet HTML 138Page - ATMEL Corporation ATmega32U2 Datasheet HTML 139Page - ATMEL Corporation ATmega32U2 Datasheet HTML 140Page - ATMEL Corporation ATmega32U2 Datasheet HTML 141Page - ATMEL Corporation ATmega32U2 Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 314 page
background image
138
7799B–AVR–07/09
ATmega8U2/16U2/32U2
17. SPI – Serial Peripheral Interface
17.1
Features
• Full-duplex, Three-wire Synchronous Data Transfer
• Master or Slave Operation
• LSB First or MSB First Data Transfer
• Seven Programmable Bit Rates
• End of Transmission Interrupt Flag
• Write Collision Flag Protection
• Wake-up from Idle Mode
• Double Speed (CK/2) Master SPI Mode
17.2
Overview
The Serial Peripheral Interface (SPI) allows high-speed synchronous data transfer between the
ATmega8U2/16U2/32U2 and peripheral devices or between several AVR devices.
USART can also be used in Master SPI mode, see “USART in SPI Mode” on page 176.
The Power Reduction SPI bit, PRSPI, in “Minimizing Power Consumption” on page 44 on page
50 must be written to zero to enable SPI module.
Figure 17-1. SPI Block Diagram
(1)
Note:
1. Refer to Figure 1-1 on page 2, and Table 12-6 on page 77 for SPI pin placement.
DIVIDER
/2/4/8/16/32/64/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com