Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 220 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 220 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 216Page - ATMEL Corporation ATmega32U2 Datasheet HTML 217Page - ATMEL Corporation ATmega32U2 Datasheet HTML 218Page - ATMEL Corporation ATmega32U2 Datasheet HTML 219Page - ATMEL Corporation ATmega32U2 Datasheet HTML 220Page - ATMEL Corporation ATmega32U2 Datasheet HTML 221Page - ATMEL Corporation ATmega32U2 Datasheet HTML 222Page - ATMEL Corporation ATmega32U2 Datasheet HTML 223Page - ATMEL Corporation ATmega32U2 Datasheet HTML 224Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 314 page
background image
220
7799B–AVR–07/09
ATmega8U2/16U2/32U2
This flag is set by the USB controller when the current bank contains a new packet. This
RXOUTI flag can generate a “USB endpoint interrupt” if RXOUTE bit is set. Writing this bit to
zero acknowledges the interrupt source (USB clocks must be enabled before). Writing this bit to
one has no effect for an OUT endpoint.
• Endpoint IN direction (KILLBK bit)
Writing this bit to one kills the last loaded bank. This sequence can be used to cancelled a previ-
ously loaded endpoint. Clearing by software has no effect. See page 206 for more details on the
Abort.
• Bit 1 – STALLEDI: STALLEDI Interrupt Flag
This flag is set by the USB controller when STALL handshake has been sent, or when a CRC
error has been detected for an isochronous OUT endpoint. This STALLEDI flag can generate a
“USB endpoint interrupt” if STALLEDE bit is set. Writing this bit to zero acknowledges the inter-
rupt source (USB clocks must be enabled before). Writing this bit to one has no effect.
• Bit 0 – TXINI: Transmitter Ready Interrupt Flag
This flag is set by the USB controller when the current bank is free and can be filled. This TXINI
flag can generate a “USB endpoint interrupt” if TXINE bit is set. Writing this bit to zero acknowl-
edges the interrupt source (USB clocks must be enabled before). Writing this bit to one has no
effect.
21.18.16 UEIENX – USB Endpoint Interrupt Enable Register
• Bit 7 – FLERRE: Flow Error Interrupt Enable Flag
Writing this bit to one enables interrupt on OVERFI or UNDERFI flags. An overflow or underflow
interrupt will be generated only if the FLERRE bit is set to one, the Global Interrupt Flag in SREG
is written to one, and the OVERFI or UNDERFI flags are set.
• Bit 6 – NAKINE: NAK IN Interrupt Enable Bit
Writing this bit to one enables interrupt on NAKINI flag. A NAK IN interrupt will be generated only
if the NAKINE bit is set to one, the Global Interrupt Flag in SREG is written to one, and the
NAKINI is set.
• Bit 5 – Res: Reserved
This bit is reserved and will always read as zero.
• Bit 4 – NAKOUTE: NAK OUT Interrupt Enable Bit
Writing this bit to one enables interrupt on NAKOUTI flag. A NAKOUT interrupt will be generated
only if the NAKOUTE bit is set to one, the Global Interrupt Flag in SREG is written to one, and
the NAKOUTI is set.
Bit
7
6
5
4
321
0
(0xF0)
FLERRE
NAKINE
-
NAKOUTE
RXSTPE
RXOUTE
STALLEDE
TXINE
UEIENX
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com