Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 217 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 217 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 213Page - ATMEL Corporation ATmega32U2 Datasheet HTML 214Page - ATMEL Corporation ATmega32U2 Datasheet HTML 215Page - ATMEL Corporation ATmega32U2 Datasheet HTML 216Page - ATMEL Corporation ATmega32U2 Datasheet HTML 217Page - ATMEL Corporation ATmega32U2 Datasheet HTML 218Page - ATMEL Corporation ATmega32U2 Datasheet HTML 219Page - ATMEL Corporation ATmega32U2 Datasheet HTML 220Page - ATMEL Corporation ATmega32U2 Datasheet HTML 221Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 314 page
background image
217
7799B–AVR–07/09
ATmega8U2/16U2/32U2
21.18.13 UESTA0X – USB Endpoint Status 0 Register
• Bit 7 – CFGOK: Configuration Status Flag
This flag bit is set by hardware when the selected endpoint size parameter (EPSIZE) and num-
ber of banks (EPBK) are correct compared to the max FIFO capacity. This bit is updated when
the bit ALLOC is set, if the USB controller can not allocate the correct amount of memory for the
selected endpoint, this flag bit will be cleared.
If this bit is cleared, the user should reprogram the UECFG1X register with correct EPSIZE and
EPBK values.
• Bit 6 – OVERFI: Overflow Error Interrupt Flag
This flag is set when an overflow error occurs for an isochronous endpoint.This OVERFI flag can
generate a “USB endpoint interrupt” if FLERRE bit is set. Writing this bit to zero acknowledges
the interrupt source (USB clocks must be enabled before). Writing this bit to one has no effect.
See “Isochronous mode” on page 207 for more details.
• Bit 5 – UNDERFI: Underflow Error Interrupt Flag
This flag is set when an underflow error occurs for an isochronous endpoint.This UNDERFI flag
can generate a “USB endpoint interrupt” if FLERRE bit is set. Writing this bit to zero acknowl-
edges the interrupt source (USB clocks must be enabled before). Writing this bit to one has no
effect.
See “Isochronous mode” on page 207 for more details.
• Bit 4 – Res: Reserved
This bit is reserved and will always read as zero.
• Bit 3:2 – DTSEQ[1:0]: Data Toggle Sequencing Flag
These flags are set by hardware to indicate the PID data of the current bank as shown in Table
21-5.
For OUT transfer, this value indicates the last data toggle received on the current bank. For IN
transfer, it indicates the Toggle that will be used for the next packet to be sent. This is not rela-
tive to the current bank.
Bit
7
6
5
4
321
0
(0xEE)
CFGOK
OVERFI
UNDERFI
-
DTSEQ1:0
NBUSYBK1:0
UESTA0X
Read/Write
R
R/W
R/W
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Table 21-5.
DTSEQ[1:0] Bits Settings
DTSEQ1
DTSEQ1
PID DATA
00
DATA0
01
DATA1
10
Reserved.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com