Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 213 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 213 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 209Page - ATMEL Corporation ATmega32U2 Datasheet HTML 210Page - ATMEL Corporation ATmega32U2 Datasheet HTML 211Page - ATMEL Corporation ATmega32U2 Datasheet HTML 212Page - ATMEL Corporation ATmega32U2 Datasheet HTML 213Page - ATMEL Corporation ATmega32U2 Datasheet HTML 214Page - ATMEL Corporation ATmega32U2 Datasheet HTML 215Page - ATMEL Corporation ATmega32U2 Datasheet HTML 216Page - ATMEL Corporation ATmega32U2 Datasheet HTML 217Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 314 page
background image
213
7799B–AVR–07/09
ATmega8U2/16U2/32U2
21.18.5
UDFNUMH – USB Device Frame Number High Register
• Bits 7:3 – Res: Reserved
These bits are reserved and will always read as zero.
• Bits 2:0 – FNUM[10:8]: Frame Number Upper Flag
These bits are read-only and updated by the hardware USB controller. These bits contains the 3
MSB of the 11-bits Frame Number information. The content of these bits is updated with the last
received SOF packet. These bits are updated even if a corrupted SOF has been received. When
a corrupted SOF number is detected, the FNCERR bit of UDMFN is set.
21.18.6
UDFNUML – USB Device Frame Number Low Register
• Bits 7:0 – FNUM: Frame Number Lower Flag
These bits are read-only and updated by the hardware USB controller. These bits contains the 8
LSB of the 11-bits Frame Number information. The content of these bits is updated with the last
received SOF packet. These bits are updated even if a corrupted SOF has been received. When
a corrupted SOF number is detected, the FNCERR bit of UDMFN is set.
21.18.7
UDMFN – USB Device Micro Frame Number
• Bit 7:5 – Res: Reserved
These bits are reserved and will always read as zero.
• Bit 4 – FNCERR: Frame Number CRC Error Flag
This bit is set by the USB controller when a corrupted frame number in Start of frame packet is
received. When an incorrect frame number is detected both SOFI flag and this bit are set.
• Bits 3:0 – Res: Reserved
These bits are reserved and will always read as zero.
Bit
76543
210
(0xE5)
-----
FNUM[10:8]
UDFNUMH
Read/Write
RR
RRRRRR
Initial Value
00000
000
Bit
7
65
43
2
1
0
(0xE4)
FNUM[7:0]
UDFNUML
Read/Write
R
R
R
RRR
RR
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
321
0
(0xE6)
-
-
-
FNCERR
-
-
-
-
UDMFN
Read/Write
R
R
R
R/W
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com