Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 214 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 214 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 210Page - ATMEL Corporation ATmega32U2 Datasheet HTML 211Page - ATMEL Corporation ATmega32U2 Datasheet HTML 212Page - ATMEL Corporation ATmega32U2 Datasheet HTML 213Page - ATMEL Corporation ATmega32U2 Datasheet HTML 214Page - ATMEL Corporation ATmega32U2 Datasheet HTML 215Page - ATMEL Corporation ATmega32U2 Datasheet HTML 216Page - ATMEL Corporation ATmega32U2 Datasheet HTML 217Page - ATMEL Corporation ATmega32U2 Datasheet HTML 218Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 314 page
background image
214
7799B–AVR–07/09
ATmega8U2/16U2/32U2
21.18.8
UENUM – USB Endpoint Number Register
• Bits 7:3 – Res: Reserved
These bits are reserved and will always read as zero.
• Bits 2:0 – EPNUM[2:0] Endpoint Number Bits
Writing these bits allows to select the hardware endpoint number that can be accessed by the
CPU interface. This register select the target endpoint number for UECONEX, UECFG0X,
UECFG1X, UESTA0X, UESTA1X, UEINTX, UEIENX, UEDATX, UEBCLX registers. See “End-
point selection” on page 198 for more details.
21.18.9
UERST – USB Endpoint Reset Register
• Bits 7:5 – Res: Reserved
These bits are reserved and will always read as zero.
• Bits 4:0 – EPRST[4:0]: Endpoint FIFO Reset Bits
Writing this bit to one keeps the selected endpoint (UENUM register value) under reset state.
selected. Writing this bit to zero completes the endpoint reset operation and makes the endpoint
usable. See “Endpoint reset” on page 197 for more information.
21.18.10 UECONX – USB Endpoint Control Register
• Bits 7:6 – Res: Reserved
These bits are reserved and will always read as zero.
• Bit 5 – STALLRQ: STALL Request Handshake Bit
Writing this bit to one allows the USB controller to generate a STALL answer for the next SETUP
transaction received. This bit is cleared by hardware when the STALL handshake is sent or
when a new SETUP token is received. Writing this bit to zero has no effect. The STALL hand-
shake can be abort using STALLRQC bit.
See “STALL request” on page 201 for more details.
Bit
7
65
43
210
(0xE9)
--
--
-
EPNUM[2:0]
UENUM
Read/Write
RR
RRR
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
321
0
(0xEA)
-
-
-
EPRST D4
EPRST D3
EPRST D2
EPRST D1
EPRST D0
UERST
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
(0xEB)
-
-
STALLRQ
STALLRQC
RSTDT
-
-
EPEN
UECONX
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com