Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 212 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 212 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 208Page - ATMEL Corporation ATmega32U2 Datasheet HTML 209Page - ATMEL Corporation ATmega32U2 Datasheet HTML 210Page - ATMEL Corporation ATmega32U2 Datasheet HTML 211Page - ATMEL Corporation ATmega32U2 Datasheet HTML 212Page - ATMEL Corporation ATmega32U2 Datasheet HTML 213Page - ATMEL Corporation ATmega32U2 Datasheet HTML 214Page - ATMEL Corporation ATmega32U2 Datasheet HTML 215Page - ATMEL Corporation ATmega32U2 Datasheet HTML 216Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 314 page
background image
212
7799B–AVR–07/09
ATmega8U2/16U2/32U2
• Bit 5 – EORSME: End Of Resume Interrupt Enable Bit
Writing this bit to one enables interrupt on EORSMI flag. An end of resume Upstream resume
interrupt will be generated only if the EORSME bit is set to one, the Global Interrupt Flag in
SREG is written to one, and the EORSMI bit is set.
• Bit 4 – WAKEUPE: Wake-up CPU Interrupt Enable Bit
Writing this bit to one enables interrupt on WAKEUPI flag. A wake-up interrupt will be generated
only if the WAKEUPE bit is set to one, the Global Interrupt Flag in SREG is written to one, and
the WAKEUPI bit is set.
• Bit 3 – EORSTE: End Of Reset Interrupt Enable Bit
Writing this bit to one enables interrupt on EORSTI flag. A USB reset interrupt will be generated
only if the EORSTE bit is set to one, the Global Interrupt Flag in SREG is written to one, and the
EORSTI bit is set.
• Bit 2 – SOFE: Start Of Frame Interrupt Enable Bit
Writing this bit to one enables interrupt on SOFI flag. A Start of Frame USB reset interrupt will be
generated only if the SOFE bit is set to one, the Global Interrupt Flag in SREG is written to one,
and the SOFI bit is set.
• Bit 1 – Res: Reserved
This bit is reserved and will always read as zero.
• Bit 0 – SUSPE: Suspend Interrupt Enable Bit
Writing this bit to one enables interrupt on SUSPI flag. A suspend interrupt will be generated
only if the SUSPE bit is set to one, the Global Interrupt Flag in SREG is written to one, and the
SUSPI bit is set.
21.18.4
UDADDR – USB Device Address Register
• Bit 7 – ADDEN: Address Enable Bit
Writing this bit to one will enable the UADD[6:0] field as device address for the USB controller.
When this bit is set the USB device controller will be able to answer all requests on the USB that
refer to the UADD[6:0] USB bus address.
See “Address Setup” on page 199 for more details.
• Bits 6:0 – UADD[6:0]: USB Address Bits
These bits contain the USB device address, thatthe USB controller should answer on the USB
bus. This address should be enabled writing one to the ADDEN bit.
Bit
7
6543
210
(0xE3)
ADDEN
UADD[6:0]
UDADDR
Read/Write
R/W
RRRRRR
R
Initial Value
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com