Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
ST7541
Ver 1.9
26/78
2007/9/3
POWER SUPPLY CIRCUITS
The Power Supply circuits generate the voltage levels necessary to drive liquid crystal driver circuits with low power
consumption and the fewest components. There are voltage converter circuits, voltage regulator circuits, and voltage follower
circuits. They are controlled by power control instruction. For details, refers to "Instruction Description". Table 4 shows the
referenced combinations in using Power Supply circuits.
Table 4 Recommended Power Supply Combinations
Customer Power System
Power
Control
(VC VR VF)
V/C
circuits
V/R
circuits
V/F
circuits
VOUT_IN
V0
V1 to V4
Only the internal power supply circuits
are used
1 1 1
ON
ON
ON
Internal
Without
capacitor
With
capacitor
Only the voltage regulator circuits and
voltage follower circuits are used
0 1 1
OFF
ON
ON
External
input
Without
capacitor
With
capacitor
Only the voltage follower circuits are
used
0 0 1
OFF
OFF
ON
OPEN
External
input
With
capacitor
Only the external power supply
circuits are used
0 0 0
OFF
OFF
OFF
OPEN
External
input
External
input
Voltage Converter Circuits
These circuits boost up the electric potential between VDD2 and Vss to 3, 4, 5 or 6 times toward positive side and boosted
voltage is outputted from VOUT pin. It is possible to select the lower boosting level in any boosting circuit by “Set DC-DC
Step-up” instruction. When the higher level is selected by instruction, VOUT voltage is not valid.
Note: we would like to recommend to use the external VOUT when the panel is large than 1.8 inch
Voltage Regulator Circuits
The function of the internal Voltage Regulator circuits is to determine liquid crystal operating voltage, V0, by adjusting
resistors, Ra and Rb, within the range of |V0| < |VOUT|. Because VOUT is the operating voltage of operational-amplifier
circuits shown in Figure 16, it is necessary to be applied internally or externally.
For the Eq. 1, we determine V0 by Ra, Rb and VEV. The Ra and Rb are connected internally or externally by INTRS pin. And
VEV called the voltage of electronic volume is determined by Eq. 2, where the parameter
is the value selected by
instruction, "Set Reference Voltage Register", within the range 0 to 63. VREF voltage at Ta= 25˚C is shown in
Table 5.
V0 = (1 + Rb / Ra) x VEV
[V] ……………… (Eq. 1)
VEV = (1 – (63 -
α) / 210) x VREF
[V] ……………… (Eq. 2)
Table 5 VREF Voltage at Ta = 25°C
REF
Temp. coefficient
VREF [ V ]
1
-0.144% / ˚C
2.1
0
External input
VEXT
VEV
VOUT
V0
VR
VSS
Rb
Ra
GND
Figure 16 Internal Voltage Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com