Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 36 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 36 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
ST7541
Ver 1.9
36/78
2007/9/3
COMMAND DESCRIPTION
Mode Set
2-byte instruction to set FR (Frame frequency control) and BE (Booster efficiency control)
The 1
st Instruction
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
1
1
1
0
0
0
The 2
nd Instruction
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
FR3
FR2
FR1
FR0
0
BE
x'
0
Frame Rate
This command is used to set the frame frequency.
FR3
FR2
FR1
FR0
FR frequency
0
0
0
0
77 Hz (default)
0
0
0
1
51 Hz
0
0
1
0
55 Hz
0
0
1
1
58 Hz
0
1
0
0
63 Hz
0
1
0
1
67 Hz
0
1
1
0
68 Hz
0
1
1
1
70 Hz
1
0
0
0
73 Hz
1
0
0
1
75 Hz
1
0
1
0
80 Hz
1
0
1
1
85 Hz
1
1
0
0
91 Hz
1
1
0
1
102 Hz
1
1
1
0
113 Hz
1
1
1
1
123 Hz
Booster Efficiency
The ST7541 incorporates software configurable Booster Efficiency Command. It could be used with Voltage multiplier to get
the suitable Vout and Power consumption. Default setting is Level 2.
Flag
Description
0
Booster Efficiency Level 1
BE
1
Booster Efficiency Level 2
Read Display Data
8-bit data from Display Data RAM specified by the column address and page address can be read by this instruction. As the
column address is increased by 1 automatically after each this instruction, the microprocessor can continuously read data
from the addressed page. A dummy read is required after loading an address into the column address register. Display Data
cannot be read through the serial interface.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1
1
Read data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com