Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
ST7541
Ver 1.9
20/78
2007/9/3
DISPLAY DATA RAM (DDRAM)
The Display Data RAM stores pixel data for the LCD. It is 129-row (17 pages by 8 bits) by 128-column addressable array.
Each pixel can be selected when the page and column addresses are specified. The 129 rows are divided into 16 pages of 8
lines and the 17th page with a single line (DB0 only). Data is read from or written to the 8 lines of each page directly through
DB0 to DB7. The display data of DB0 to DB7 from the microprocessor correspond to the LCD common lines. The
microprocessor can read from and write to RAM through the I/O buffer. Since the LCD controller operates independently,
data can be written into RAM at the same time as data is being displayed without causing the LCD flicker.
Page Address Circuit
It incorporates 4-bit Page Address register changed by only the “Set Page” instruction. Page Address 16 is a special RAM
area for the icons and display data DB0 is only valid. The page address is set from 0 to 15, and Page 16 is for Icon page.
Line Address Circuit
This circuit assigns DDRAM a Line Address corresponding to the first line (COM0) of the display. Therefore, by setting Line
Address repeatedly, it is possible to realize the screen scrolling and page switching without changing the contents of on-chip
RAM. It incorporates 7-bit Line Address register changed by only the initial display line instruction and 7-bit counter circuit. At
the beginning of each LCD frame, the contents of register are copied to the line counter which is increased by CL signal and
generates the line address for transferring the 128-bit RAM data to the display data latch circuit. When icon is enabled by
setting icon control register, display data of icons are not scrolled because the MPU can not access Line Address of icons.
Segment Control Circuit
This circuit controls the display data scan circuit. It allows the display data related commands (such as: Display ON/OFF,
Reverse Display ON/OFF and Entire Display ON/OFF) without changing the data in the DDRAM.
Column Address Circuit
Command “Set Column Address MSB / LSB” will set 7-bit ([Y7:Y1]) of the internal column address and Y0 is set to “0”. The
internal column address (Y[7:0]) is increased by 1 after accessing (read or write) each byte of display data (refer to Figure
10). After the 2
nd access (read or write), the Column Address will point to the next column)
SEG
0
1
2
3
…
124
125
126
127
Set Column
Address
[Y7:Y1]
00H
01H
02H
03H
…
7CH
7DH
7EH
7FH
Sequential Display Data Read/Write Direction
DDRAM Col.
Address
[Y7:Y0]
00
01
02
03
04
05
06
07
…
F8
F9
FA
FB
FC
FD
FE
FF
Display data
(MX=0)
1
1
1
0
0
1
0
0
…
1
1
1
0
0
1
0
0
LCD panel
display
…
Display data
(MX=1)
0
0
0
1
1
0
1
1
…
0
0
0
1
1
0
1
1
LCD panel
display
…
Figure 10 The Relationship between the Column Address and The Segment Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com