Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
ST7541
Ver 1.9
18/78
2007/9/3
[ IIC INTERFACE PROTOCOL ]
The IIC interface of ST7541 supports writing command/data to the addressed slaves on the bus. Before transferring any data
on the bus, the target device(s) should be addressed first. Four slave addresses (0111100, 0111101, 0111110 and 0111111)
are reserved for ST7541. The least significant 2 bits of the slave address is configured by connecting the inputs SA1 and
SA0 to either logic 0 (VSS) or logic 1 (VDD). The IIC Interface protocol is illustrated in Figure 7.
The IIC communication sequence is initiated with a START condition (S) set by the master, and then followed by a slave
address. All slaves with the same specified address should acknowledge in parallel, all the others will ignore the bus transfer.
After the acknowledgement of the slave address, one or more command words are followed. The command word(s) define
the status of the addressed slaves. A command word consists of a control byte (which defines Co and A0) and a data byte.
The last control byte is tagged with a cleared most significant bit (i.e. Co=0), and is followed by data byte(s) only. The A0 bit
in the control byte defines whether the data byte(s) will be interpreted as command or as RAM data. Therefore, after the last
control byte, either a series of display data bytes or a series of command data bytes may follow (depends on the A0 bit). If the
A0 bit is set to 0, the command bytes will be decoded and execute. If the A0 bit of the last control byte is set to 1, the series of
display data bytes will be stored in DDRAM. The data pointer is automatically increased by 1 after writing each byte of display
data into DDRAM. The addressed slave makes the acknowledgement after receiving each byte of command or display data.
At the end of transmission the bus master issues a STOP condition (P).
BUSY FLAG
The Busy Flag indicates whether the ST7541 is operating or not. When DB7 is "H" in read status operation, this device is in
busy status and will accept only read status instruction. If the cycle time is correct, the microprocessor needs not to check
this flag before each instruction, which improves the MPU performance.
Figure 7. 2-line Interface protocol
0
Last control byte. Only a stream of data bytes is allowed to follow.
This stream may only be terminated by a STOP or RE-START condition.
Co
1
Another control byte will follow the data byte unless a STOP or RE-START condition is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com