Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
ST7541
Ver 1.9
16/78
2007/9/3
(1) Set Page and Column Address:
Action
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Set Page Address
1
0
1
1
P3
P2
P1
P0
Set Column Address MSB
0
0
0
1
0
Y7
Y6
Y5
Set Column Address LSB
0
0
0
0
Y4
Y3
Y2
Y1
(2) Set Data Direction and Set Display Data Length:
Action
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Set Data Direction (DDC)
(3-Line SPI mode Only)
1
1
1
0
1
0
0
0
Set Display Data Length
(No. of DATA)
D7
D6
D5
D4
D3
D2
D1
D0
(3) This figure is example for 104 Data bytes to be transferred.
Figure 2. 3-Line SPI Timing (A0 is not used)
IIC Interface (PS0 = "L", PS1 = "L", PS2= "H")
IIC Interface uses two signals (Serial Data: SDA and Serial Clock: SCL) to communicate with MPU and other ICs or modules.
It receives the command and data sent by MPU through SDA and SCL. Both SDA and SCL must connect to VDD by a pull-up
resistor which drives SDA and SCL to “HIGH” when the bus is not busy. Data transfer can be initiated only when the bus is
not busy. This interface supports writing command/data and reading acknowledge-bit.
[ BIT TRANSFER ]
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of
the clock pulse because changes on SDA while SCL is “HIGH” will be interpreted as START or STOP. Bit transfer is
illustrated in Figure 3.
SDA
SCLK
Data line stable
Data Valid
Change of data
allowed
Figure 3. Bit transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com