Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
ST7541
Ver 1.9
10/78
2007/9/3
PIN DESCRIPTION
POWER SUPPLY
Name
Type
Description
VDD
Power
Digital Power supply
VSS
Power
Ground
VDD2
Power
Analog Power supply
VSS2
Power
Ground
VOUT_OUT
Power
Internal booster output. Left these pads open when using external power supply.
Short VOUT_OUT with VOUT_IN when using internal booster.
VOUT_IN
Power
The power supply pads of internal regulator. Apply high voltage here for internal regulator.
If using external booster, VOUT_OUT must be open with internal booster programmed OFF (set
register VC=0).
If using internal booster, short VOUT_OUT with VOUT_IN together.
V0
V1
V2
V3
V4
Power
LCD driver supply voltages. V1, V2, V3, V4 need the capacitor between with VSS.
Voltages should have the following relationship:
V0 ≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥ VSS
When the internal power circuit is active, these voltages are generated as following table
according to the state of LCD bias.
LCD bias
V1
V2
V3
V4
1/N bias
(N-1) / N x V0
(N-2) / N x V0
(2/N) x V0
(1/N) x V0
NOTE: N = 5 to 12
LCD DRIVER SUPPLY
Name
Type
Description
VR
I
V0 voltage adjustment pin
It is valid only when on-chip resistors are not used (INTRS = "L")
When using internal resistors (INTRS = "H"), open this pin
REF
I
Selects the external VREF voltage via the VEXT pin
REF = “H”: using the internal VREF
REF = “L”: using the external VREF
VEXT
I
Externally input reference voltage (VREF) for the internal voltage regulator
It is valid only when REF is "L"
When using internal voltage regulator, this pin must be open
OSC1
I
External OSC input pin, when using internal clock oscillator, connect OSC1 to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com