Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 38 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 38 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
ST7541
Ver 1.9
38/78
2007/9/3
Read Status
Indicates the internal status of the ST7541
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
1
BUSY
D
RES
MF2
MF1
MF0
DS1
DS0
Flag
Description
BUSY
The device is busy when internal operation or reset. Any instruction is rejected until BUSY goes Low.
0: chip is active, 1: chip is being busy
D
Indicates display ON / OFF status
0: display OFF, 1: display ON
RES
Indicates the initialization is in progress by RST signal or RESET instruction.
0: chip is active, 1: chip is being reset
MF
Manufacturer ID; recommended value: MF2 MF1 MF0 = [0 0 0]
The value of MF2, MF1 and MF0 will follow the hardware selection.
DS
Display size ID; recommended value: DS1 DS0 = [0 0]
The value of DS1 and DS2 will follow the hardware selection.
ICON Control ON/OFF
This instruction makes ICON enable or disable. By default, ICON display is disabled (ICON= 0). When ICON control register
is set to “1”, ICON display is enabled and page address is set to “16”. Then user can write data for icons. It is impossible to
set the page address to “16” by Set Page Address instruction. Therefore, when writing data for icons, ICON control register
ON instruction would be used to set the page address to “16”. When ICON control register is set to “0”, ICON display is
disabled.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
1
0
0
0
1
ICON
ICON=0: ICON disable (default)
ICON=1: ICON enable & set the page address to 16
Set Page Address
Sets the Page Address of display data RAM from the microprocessor into the page address register. Any RAM data bit can
be accessed when its Page Address and column address are specified. Along with the column address, the Page Address
defines the address of the display RAM to write or read display data. Changing the Page Address doesn't affect the display
status. Set Page Address instruction can not be used to set the page address to “16”. Use ICON control register ON/OFF
instruction to set the page address to “16”.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
1
1
P3
P2
P1
P0
P3
P2
P1
P0
Page
0
0
0
0
0
0
0
0
1
1
:
:
:
:
:
1
1
1
0
14
1
1
1
1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com