Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
ST7541
Ver 1.9
11/78
2007/9/3
SYSTEM CONTROL
Name
Type
Description
INTRS
I
Internal resistor select pin. This pin selects the resistors for adjusting V0 voltage level.
INTRS = "H": use the internal resistors.
INTRS = "L": use the external resistors.
VR pin and external resistive divider control V0 voltage
T[0] ~ T[9]
Test
Test pins. Don’ t use these pins.
Please Open these pins.
Reserve
X
This pin must be OPEN
MF[2:0]
I
Manufacturer ID code for reference, suggest set to [ MF2.MF1.MF0 = 0.0.0 ]
DS[1:0]
I
Display size ID code for reference, suggest set to [ DS1.DS0 = 0.0 ]
TA, TB
I
Test pins
TA and TB must connect to Vss.
MICROPROCESSOR INTERFACE
Name
Type
Description
RST
I
Reset input pin. When RST is “L”, initialization is executed.
PS[2:0]
I
Microprocessor interface select input pin
PS2
PS1
PS0
Interface
mode
A0
Data
Read/Write
Serial clock
L
L
H
Parallel 80
A0
DB[7:0]
/RD, /WR
-
L
H
H
Parallel 68
A0
DB[7:0]
E, R/W
-
L
L
L
3Line Serial
-
SID (DB7)
Write only
SCLK (DB6)
L
H
L
4Line Serial
A0
SID (DB7)
Write only
SCLK (DB6)
H
L
L
IIC Serial
-
SDA
Read/Write
SCL
NOTE:
*1. Reading of data or status is not available in serial interface modes (4-Line, 3-Line and IIC).
*2. In 3-Line or 4-Line interface: DB[5:0], E_RD and RW_WR must be fixed to “H” or “L”.
*3. In IIC and 3-Line interface: A0 must be fixed to “H” or “L”.
CSB
I
Chip select input. Data/instruction I/O is enabled only when CSB is "L".
When chip select is non-active, DB[7:0] will be high impedance.
A0
I
Register selection input.
A0 = "H": DB[7:0] are display data.
A0 = "L": DB[7:0] are control instruction.
RW_WR
I
Read / Write execution control pin
PS1
MPU type
RW_WR
Description
H
6800-series
R/W
Read / Write control input pin.
R/W = “H” : read;
R/W = “L” : write.
L
8080-series
/WR
Write enable clock input pin.
The data on DB[7:0] are latched at the rising edge of the
/WR signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com