Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
ST7541
Ver 1.9
12/78
2007/9/3
MICROPROCESSOR INTERFACE (continued)
Name
Type
Description
E_RD
I
Read / Write execution control pin
PS1
MPU Type
E_RD
Description
H
6800-series
E
Read / Write control input pin.
R/W = “H”: When E is “H”, DB[7:0] are in an output status;
R/W = “L”: DB[7:0] are latched at the falling edge of this
signal.
L
8080-series
/RD
Read enable clock input pin.
When /RD is “L”, DB[7:0] are in output status.
8-bit bi-directional data bus that is connected to the standard 8-bit microprocessor data bus.
When chip select is not active (CSB=H), DB[7:0] will be high impedance.
When the 3-Line/4-Line serial interface is selected (PS[2:0] = "000" or “010”):
DB[0:5]: high impedance (connect to “H” or “L”);
DB6: serial input clock (SCLK);
DB7: serial input data (SID).
When chip select is not active, DB[7:0] is high impedance.
DB[7:0]
I/O
When the IIC serial interface is selected (PS[2:0] = "100"):
DB7: serial clock input (SCL);
DB[6:4]: serial data input (SDA_IN);
DB[3:2]: serial data output (SDA_OUT). For acknowledge signal output in IIC interface;
DB[1:0]: Is slave address (SA) bit1, 0, must connect to Vdd or Vss.
*DB[6:2]: must be connected together as SDA signal of IIC interface.
Note:
1.
By connecting SDA_IN and SDA_OUT externally, the SDA line becomes fully IIC interface compatible. Separating
acknowledge-output from serial data input is advantageous for chip-on-glass (COG) applications. In COG applications,
the ITO resistance and the pull-up resistor will form a voltage divider which affects acknowledge-signal level. Larger
ITO resistance will raise the acknowledge-signal level and system cannot recognize this level as a valid logic “0” level.
By separating SDA_IN from SDA_OUT, the IC can be used in a mode which ignores the acknowledge-bit. For
applications which check acknowledge-bit, it is necessary to minimize the ITO resistance of the SDA_OUT trace to
guarantee a valid low level.
2.
After VDD is turned ON, any MPU interface pins cannot be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com