Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
ST7541
Ver 1.9
32/78
2007/9/3
RESET CIRCUIT
Setting RST to “L” can initialize internal function. RST pin must connect to the reset pin of MPU and initialization by RST pin
is essential before operating. Please note the hardware reset is not same as the software reset. When RST becomes “L”, the
hardware reset procedure will start. When RESET instruction is executed, the software reset procedure will start. The
procedure is listed below:
Procedure
Hardware Reset
Software Reset
Oscillator OFF
V
X
Power Save Mode: P=0
V
X
Power Control OFF: VC=0, VR=0, VF=0
V
X
Booster Step: DC[1:0]=0
V
X
Booster Efficiency: BE=1
V
X
Frame Rate: 77Hz, FR[3:0]=0
V
X
LCD Bias: 1/12 Bias, BS[2:0]=(1,1,1)
V
X
Display OFF: D=0, all SEGs/COMs output at VSS
V
X
Normal Display: REV=0, EON=0
V
X
SEG Normal Direction: ADC=0
V
X
COM Normal Direction: SHL=0
V
X
ICON Control: OFF, ICON=0
V
X
Partial Display Duty: L[7:0]=0
V
X
N-Line Inversion: OFF, N[4:0]=0
V
X
Initial COM0: C[6:0]=0
V
X
Initial Display Line: S[6:0]=0
V
V
Read-modify-Write: Released
V
V
Display Data Length (if using 3-Line SPI Interface): D[7:0]=0
V
V
FRC/PWM Mode: 4-FRC, 9-PWM
V
V
Column Address Y[7:1]=0
V
V
Page Address P[3:0]=0
V
V
V0 Regulator Resistor: R[2:0]=(0,0,0)
V
V
EV[5:0]=(1,0,0,0,0,0)
V
V
Gray Scale Setting:
[ White Mode ] OFF
White Palette: WA[3:0]=0, WB[3:0]=0, WC[3:0]=0, WD[3:0]=0
[ Light Gray Mode ] OFF
Light Gray Palette: LA[3:0]=0, LB[3:0]=0, LC[3:0]=0, LD[3:0]=0
[ Dark Gray Mode ] OFF
Dark Gray Palette: DA[3:0]=0, DB[3:0]=0, DC[3:0]=0, DD[3:0]=0
[ Black Mode ] OFF
Black Palette: BA[3:0]=0, BB[3:0]=0, BC[3:0]=0, BD[3:0]=0
V
V
After power-on, RAM data are undefined and the display status is “Display OFF”. It’s better to initialize whole DDRAM (ex: fill
all 00h or write the display pattern) before turning the Display ON. Besides, the power is not stable at the time that the power
is just turned ON. A hardware reset is needed to initialize those internal registers after the power is stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com