Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 29 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 29 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
ST7541
Ver 1.9
29/78
2007/9/3
Voltage Follower Circuits
VLCD voltage (V0) is resistively divided into four voltage levels (V1, V2, V3 and V4), and those output impedance
are converted by the Voltage Follower for increasing drive capability. Table 8 shows the relationship between V1 to V4 level
and each duty ratio.
Table 8 The Relationship between V1 to V4 Level and Each Duty Ratio
LCD bias
V1
V2
V3
V4
Remarks
1/N
(N-1)/N x V0
(N-2)/N x V0
2/N x V0
1/N x V0
N = 5 to 12
Follower Voltage Reference Circuit (Internal Booster & Regulator)
VSS2
VOUT
VSS
V0
V1
V2
V3
V4
C1
C2
C2
C2
C2
VSS
VSS
VSS2
VOUT
V0
VR
VSS
V0
V1
V2
V3
V4
C1
C2
C2
C2
C2
VSS
VSS
Rb
Ra
INTR
INTR
VSS
VDD
Left is using internal Resister
Right is using External Resister
C1= 1u F ~ 4.7u F , C2 = 0.1u F ~ 1u F
(suggestion value: C1=1uF , C2=0.1uF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com