Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 45 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 45 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
ST7541
Ver 1.9
45/78
2007/9/3
Reverse Display ON / OFF
Reverses the display status on LCD panel without rewriting the contents of the display data RAM.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
1
0
0
1
1
REV
Entire Display ON / OFF
Forces the whole LCD points to be turned on regardless of the contents of the display data RAM. At this time, the contents of
the display data RAM are held. This instruction has priority over the Reverse Display ON / OFF instruction.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
1
0
0
1
0
EON
Power Control
Selects one of eight power circuit functions by using 3-bit register. An external power supply and part of internal power
supply functions can be used simultaneously.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
1
0
1
VC
VR
VF
VC
VR
VF
Status of internal power supply circuits
0
1
–
–
Internal voltage converter circuit is OFF
Internal voltage converter circuit is ON
–
0
1
–
Internal voltage regulator circuit is OFF
Internal voltage regulator circuit is ON
–
–
0
1
Internal voltage follower circuit is OFF
Internal voltage follower circuit is ON
Select DC-DC Step-up
Selects one of 4 DC-DC step-up to reduce the power consumption by this instruction. It is very useful to realize the partial
display function.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
1
1
0
0
1
DC1
DC0
DC1
DC0
Selected DC-DC converter circuit
0
0
3 times boosting circuit
0
1
4 times boosting circuit
1
0
5 times boosting circuit
1
1
6 times boosting circuit
REV
DDRAM data = “00”
DDRAM data = “01”
DDRAM data = “10”
DDRAM data = “11”
0 (Normal)
White (“00”)
Light gray (“01”)
Dark gray (“10”)
Black (“11”)
1 (Reverse)
Black (“11”)
Dark gray (“10”)
Light gray (“01”)
White (“00”)
EON
DDRAM data = “00”
DDRAM data = “01”
DDRAM data = “10”
DDRAM data = “11”
0 (Normal)
White (“00”)
Light gray (“01”)
Dark gray (“10”)
Black (“11”)
1 (Entire)
Black (“11”)
Black (“11”)
Black (“11”)
Black (“11”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com