Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7541 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
ST
Sitronix
ST7541
4 Gray Scale Dot Matrix LCD Controller/Driver
Ver 1.9
1/78
2007/9/3
INTRODUCTION
ST7541 is a driver & controller LSI for 4-level gray scale graphic dot-matrix liquid crystal display systems. This chip can
connect directly to a microprocessor which supports: Serial Peripheral Interface (SPI), IIC or 8-bit parallel interface. Display
data stores in an on-chip display data RAM of 128 x 129 x 2 bits. It performs display data RAM read/write operation with no
external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to
drive liquid crystal, it is possible to make a display system with the fewest components.
FEATURES
4-level Gray Scale
– Display with PWM and FRC Methods
DDRAM Data [2n:2n+1]
2n
2n + 1
Gray Scale
0
0
White
0
1
Light gray
1
0
Dark gray
1
1
Black
(Accessible column address, n = 0~127)
Driver Output Circuits
128 segment outputs / 128+1 common outputs
Applicable Duty Ratios
– Various partial display
– Partial window moving & data scrolling
On-chip Display Data RAM
– Capacity: 128 × 129 × 2= 33,024 bits
Microprocessor Interface
– 8-bit bi-directional parallel interface supports 6800-series
or 8080-series MPU
– 4-line serial interface (4-Line SPI)
– 3-line serial interface (3-Line 8-bit SPI)
– IIC serial interface
On-chip Low Power Analog Circuit
– On-chip oscillator circuit
– Voltage booster (x3, x4, x5 or x6)
– Voltage regulator (temperature coefficient: -0.144%/˚C, or
external input)
– On-chip electronic contrast control function (64 steps X 8)
– Voltage follower (LCD bias : 1/5 to 1/12)
Operating Voltage Range
– Supply voltage (VDD): 1.8 to 3.3V
– Supply voltage (VDD2): 2.4 to 3.3V
– LCD driving voltage (VLCD = V0 - VSS): 3.5 to 15.0 V
Package Type
– Application for COG
ST7541
6800 , 8080 ,
4-Line , 3-Line interface
(without IIC interface)
ST7541i
IIC interface
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


Similar Part No. - ST7541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
ST7540TR STMICROELECTRONICS-ST7540TR Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7541

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6682 NJRC-NJU6682 Datasheet
992Kb / 58P
160-common x 132-segment DOT MATRIX LCD DRIVER FOR 4 GRAY SCALE
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
16 Gray Scale Dot Matrix LCD Controller/Driver
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
32 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com