Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 46 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 46 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
ST7541
Ver 1.9
46/78
2007/9/3
Select Regulator Resistor
Selects resistance ratio of the internal resistor used in the internal voltage regulator. See voltage regulator section in power
supply circuit.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
1
0
0
R2
R1
R0
R2
R1
R0
1+ (Rb / Ra)
0
0
0
2.3
0
0
1
3.0
0
1
0
3.7
0
1
1
4.4
1
0
0
5.1
1
0
1
5.8
1
1
0
6.5
1
1
1
7.2
Set Electronic Volume
Consist of 2-byte Instructions. The 1st instruction set Reference Voltage mode, the 2nd one updates the contents of
reference voltage register. After second instruction, Reference Voltage mode is released.
The 1
st Instruction: Set Reference Voltage Select Mode
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
0
0
0
0
0
1
The 2
nd Instruction: Set Reference Voltage Register
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
x
x
EV5
EV4
EV3
EV2
EV1
EV0
EV5
EV4
EV3
EV2
EV1
EV0
Reference voltage parameter (a)
0
0
0
0
0
0
0
0
0
0
0
0
1
1
:
:
:
:
:
:
:
:
:
:
:
:
:
:
1
1
1
1
1
0
62
1
1
1
1
1
1
63
High Power Mode Enable
This 2-byte Instruction enables the high power mode. The high power mode control command is valid after this
2-byte Instruction
.
The 1
st Instruction
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
1
1
1
0
1
1
1
The 2
nd Instruction
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
1
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com