Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 27 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 27 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
ST7541
Ver 1.9
27/78
2007/9/3
In Case of Using Internal Resistors, Ra and Rb (INTRS = “H”)
When INTRS pin is "H", resistor Ra is connected internally between VR pin and VSS, and Rb is connected between V0 and
VR. We determine V0 by two instructions, "Regulator Resistor Select" and "Set Reference Voltage".
Table 6 Internal Rb / Ra Ratio depending on 3-bit Data (R2 R1 R0)
3-bit data settings (R2 R1 R0)
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
1 + (Rb / Ra)
2.3
3.0
3.7
4.4
5.1
5.8
6.5
7.2
Figure 17 Shows V0 voltage measured by adjusting internal regulator register ratio (Rb / Ra) and 6-bit electronic volume
registers for each temperature coefficient at Ta = 25°C.
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
16.000
000
001
010
011
100
101
110
111
Figure 17 Electronic Volume Level (Temp. Coefficient = -0.144% / °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com