Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
ST7541
Ver 1.9
15/78
2007/9/3
Serial Interface
Serial mode
PS0
PS1
PS2
CSB
A0
3-Line SPI mode
L
L
L
CSB
No used
4-Line SPI mode
L
H
L
CSB
Used
IIC SPI mode
L
L
H
CSB
No Used
If A0 is not used it must be fixed either “H” or “L”
3-Line / 4-Line (PS[2:0] = "000" or “010”)
3-Line and 4-Line serial interface are similar except the display data/command indication is controlled by commands (3-Line
SPI mode) or by the register selection pin (A0, 4-Line SPI mode).
When ST7541 is active (CSB=“L”), serial data (DB7) and serial clock (DB6) inputs are enabled. When ST7541 is not active
(CSB=“H”), the internal 8-bit shift register and 3-bit counter are reset. The read operation is not supported in these modes.
Serial data on SID is latched at the rising edge of serial clock on SCL. After the 8th serial clock, the serial input data on SID
will be processed as 8-bit parallel data/command. When writing sequential display data, the DDRAM column address pointer
will be increased by one automatically after each byte of DDRAM access.
4-Line SPI Mode (PS0 = "L", PS1 = "H", PS2 = "L")
This mode uses A0 pin to indicate the input serial data on SID is display data (A0=“H”) or command (A0=“L”).
3-Line SPI Mode (PS0 = "L", PS1 = "L" ,PS2= "L")
This mode does not have an A0 pin to indicate the input serial data on SID is display data or command. The default input
from MCU is command. The display data/command indication is controlled via software. The MCU send 2-byte command
(Set Data Direction & Display Data Length) before the display data(s). These 2 commands are only used in 3-Line SPI
mode.
The first command “Set Data Direction” (11101000b) indicates MCU wants to transfer display data. The second command
“Display Data Length” informs LCD driver the number of input data bytes. After receiving these two continuous commands,
the following messages will be treated as display data rather than command. After the display data string is sent over, the
following bytes are treated as commands (unless receiving another pair of Set Data Direction & Display Data Length
commands). If data transfer is stopped during transmitting, it is not valid data. New data will be transferred serially with most
significant bit first.
NOTE: In spite of transmission of data, if CSB is disabled, the state will be terminated abnormally and next state is initialized.
Figure 1. 4-line SPI Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com