Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 55 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 55 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
ST7541
Ver 1.9
55/78
2007/9/3
DC CHARACTERISTICS
VDD = 1.8 V to 3.3V; VSS = 0 V; VLCD = 3.5 to 15.0V; Tamb=–30~+85°C; unless otherwise specified.
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Applicabl
e Pin
Operating Voltage (1)
VDD
1.8
—
3.3
V
VDD*1
Operating Voltage (2)
VDD2
2.4
—
3.3
V
VDD2
High-level Input Voltage
VIHC
0.7 x VDD
—
VDD
V
*2
Low-level Input Voltage
VILC
VSS
—
0.3 x VDD
V
*2
High-level Output Voltage
VOHC
0.7 x VDD
—
VDD
V
*3
Low-level Output Voltage
VOLC
VSS
—
0.3 x VDD
V
*3
Input leakage current
ILI
VIN = VDD or VSS
–1.0
—
1.0
μ
A
*4
Output leakage current
ILO
VIN = VDD or VSS
–3.0
—
3.0
μ
A
*5
VOUT_IN
= 15.0 V
—
2.0
3.5
Liquid Crystal Driver ON
Resistance
RON
Ta = 25°C
VOUT_IN
= 8.0 V
—
3.2
5.4
KΩ
SEGn
COMn *6
Internal
Oscillator
fOSC
—
443.5
462.5
kHz
*7
External
Input
fCL
—
88.7
92.5
kHz
OSC
Oscillator
Frequency
Frame Rate
fFRAME
1/128 duty
Ta = 25°C
9 PWM
—
77
85
Hz
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Applicable Pin
Step-up Circuit output
voltage
VOUT_OUT
—
—
15
V
VOUT_OUT
Voltage regulator
operating Voltage
VOUT_IN
—
—
15
V
VOUT_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com