Electronic Components Datasheet Search
  English  ▼

X  

ST7541 Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
ST7541
Ver 1.9
13/78
2007/9/3
LCD DRIVER OUTPUTS
Name
Type
Description
SEG0
to
SEG127
O
LCD segment driver outputs.
The display data and frame signal control the output voltage of segment driver.
Segment driver output voltage
Display Data
Frame
Normal display
Reverse display
H
+
V0
V2
H
-
VSS
V3
L
+
V2
V0
L
-
V3
VSS
Display OFF, Power Saving
VSS
VSS
COM0
to
COM127
O
LCD common driver outputs.
The scan signal and frame signal control the output voltage of common driver.
Scan Data
Frame
Common driver output voltage
H
+
VSS
H
-
V0
L
+
V1
L
-
V4
Display OFF, Power Saving
VSS
COMS
(COMS1,2)
O
Common output for the icons.
The output signals of two pins are same. When not used, these pins should be left open.
Recommend ITO Resistance
PIN Name
ITO Resistance
PS[2:0], REF, OCS1, INTRS, TA, TB
No Limitation
T[9:0], VR, VEXT
Floating
Vdd, Vdd2, Vss, Vss2 , VOUT_IN , VOUT_OUT
<100Ω
SDA (SDA_IN & SDA_OUT)
*1
<300Ω
CSB , E , R/W , A0 , DB[7:0]
*1
<1KΩ
V0, V1 , V2 , V3 , V4
<500Ω
RST
<10KΩ
Note:
1.
If using IIC interface mode, the resistance of SDA signal should be lower than 300Ω (if the system pull up resistor is
4.7KΩ).
2.
The option setting to be “H” should connect to VDD.
3.
The option setting to be “L” should connect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com