Electronic Components Datasheet Search
  English  ▼

X  

VG3617801CT Datasheet(PDF) 25 Page - Vanguard International Semiconductor

Part # VG3617801CT
Description  16Mb CMOS Synchronous Dynamic RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG3617801CT Datasheet(HTML) 25 Page - Vanguard International Semiconductor

Back Button VG3617801CT Datasheet HTML 21Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 22Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 23Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 24Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 25Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 26Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 27Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 28Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 29Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
Document:1G5-0133
Rev.1
Page 25
VIS
VG3617801CT
16Mb CMOS Synchronous Dynamic RAM
10.2.2 PRECHARGE TERMINATION in WRITE Cycle
During a WRITE cycle, the BURST WRITE operation can be terminated by a PRECHARGE
command. when the PRECHARGE command is asserted, the BURST WRITE operation in imme-
diately terminated and PRECHARGE starts.
The same bank can be activated again after tRP(min.) from the PRECHARGE command. The
DQM must be high to mask invalid data in.
When CAS latency is 2 or 3, the data written prior to the PRECHARGE command will be cor-
rectly stored. However, invalid data may be written at the same clock as the PRECHARGE com-
mand. To prevent this from happening, DQM must be high at the same clock as the PRECHARGE
command. This will mask the invalid data.
PRECHARGE TERMINATION in WRITE Cycle33
Burst lengh = X
CLK
Command
CAS latency=2
DQM
Hi-Z
Write
T0
T1
T2
T3
T4
T5
T6
T7
T8
tRP
PRE
ACT
DQ
Write
PRE
ACT
tRP
CAS latency=3
Hi-Z
D0
D3
D2
D1
D0
D3
D2
D1
DQM
D4
D4
command
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com