Electronic Components Datasheet Search
  English  ▼

X  

VG3617801CT Datasheet(PDF) 68 Page - Vanguard International Semiconductor

Part # VG3617801CT
Description  16Mb CMOS Synchronous Dynamic RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG3617801CT Datasheet(HTML) 68 Page - Vanguard International Semiconductor

Back Button VG3617801CT Datasheet HTML 60Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 61Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 62Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 63Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 64Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 65Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 66Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 67Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 68Page - Vanguard International Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
Document:1G5-0133
Rev.1
Page 68
VIS
VG3617801CT
16Mb CMOS Synchronous Dynamic RAM
Ordering information
VG3617801BT-10
• VG
• VIS Memory Product
•
36
• Technology/Design Rule
• 17801
• Device Type/Configuration
•
B
• Mask/Design Version
• T
• Package Type, T: TSOP
• 10
• Cycle time, 10: 10ns, CL=2,tRP=2,tRCD=2 for PC 66
8L: 10ns, CL=3,tRP=2,tRCD=2 for PC 100
8H: 10ns, CL=2,tRP=2,tRCD=2 for PC 100
Packaging Information
• 400mil, 44-Pin Plastic TSOP
Part Number
Cycle time
Package
VG3617801BT-8H
VG3617801BT-8L
VG3617801BT-10
10ns
10ns
10ns
400mil
44-Pin
Plastic TSOP
c
DETAIL A
A1
A2
RAD R
L
0¢X~5¢X
B
B
RAD R1
ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD TO
3. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSIONS/INTRUSION.
INTERLEAD PROTRUSION SHALL NOT EXCEED 0.25(0.01") PER SIDE.
MOLD PROTRUSION SHALL NOT EXCEED 0.15(0.006") PER SIDE.
2. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION.
1. CONTROLLING DIMENSION : MILLIMETERS
NOTE:
THAN THE MIN b DIMENSION BY MORE THAN 0.07mm.
DAMBAR INTRUSION SHALL NOT CAUSE THE LEAD TO BE NARROWER
BE WIDER THAN THE MAX b DIMENSION BY MORE THAN 0.13mm.
DIMENSION E1 DOES NOT INCLUDE INTERLEAD PROTRUSION.
D
44
1
23
E1
22
b
ZD
e
0.100(0.004)
A
E
SEATING PLANE
DETAIL A
R1
R
0.10
0.10
L
E1
E
10.03
0.40
11.56
---
0.020
0.400
0.463
---
---
---
---
0.25
0.004
0.004
10.29
10.16
0.50
0.60
11.76
11.96
0.395
0.016
0.455
---
0.010
0.405
0.024
0.471
0.805 REF.
0.80 BASIC
18.41
MILLIMETERS
0.10
c1
ZD
e
D
18.28
c
b1
b
0.12
0.30
0.30
MIN.
A2
A1
A
0.05
0.95
---
DIM
0.0317 REF.
0.0315 BASIC
0.725
0.004
0.16
---
18.54
0.720
---
0.21
---
---
0.40
0.45
0.005
0.012
0.012
0.006
---
0.730
---
0.008
---
---
0.016
0.018
0.039
NOM.
---
---
INCHES
MIN.
NOM.
MAX.
1.06
0.15
1.00
---
---
1.27
0.002
0.037
---
MAX.
0.006
0.042
0.050
c1
c
WITH PLATING
BASE METAL
b1
b
SECTION B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com