Electronic Components Datasheet Search
  English  ▼

X  

VG3617801CT Datasheet(PDF) 4 Page - Vanguard International Semiconductor

Part # VG3617801CT
Description  16Mb CMOS Synchronous Dynamic RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG3617801CT Datasheet(HTML) 4 Page - Vanguard International Semiconductor

  VG3617801CT Datasheet HTML 1Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 2Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 3Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 4Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 5Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 6Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 7Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 8Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 9Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
Document:1G5-0133
Rev.1
Page 4
VIS
VG3617801CT
16Mb CMOS Synchronous Dynamic RAM
Absolute Maximum Ratings
Recommended DC Operating Conditions
Note 1.Overshoot limit : VIH(MAX.)=VDDQ+2.0V with a pulse width < 3ns
2.Undershoot limit : VIL=VSSQ-2.0V with a pulse < 3ns and -1.5V with a pulse < 5ns
Capacitance
(Ta=25¢J,f=1MHZ)
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN,VOUT
-1.0 to +4.6
V
Supply voltage relative to Vss
VDD,VDDQ
-1.0 to +4.6
V
Short circuit output current
IOUT
50
mA
Power dissipation
PD
1.0
W
Operating temperature
TOPT
0 to + 70
¢J
Operating temperature
TSTG
-55 to + 125
¢J
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
3.0
3.3
3.6
V
Input High Voltage, all inputs
VIH
2.0
°–
VDD+0.3
V
1
Input Low Voltage, all inputs
VIL
-0.3
°–
0.8
V
2
Parameter
Symbol
Min
Max
Unit
Input capacitance(CLK)
C11
2.5
4
pF
Input capacitance(all input pins except data pins)
C12
2.5
5
pF
Data input/output capacitance
CI/O
4.0
6.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com