| Electronic Components Datasheet Search |
|
VG3617801CT Datasheet(PDF) 11 Page - Vanguard International Semiconductor |
|
|
|||||||||||||||||||||||||||||
VG3617801CT Datasheet(HTML) 11 Page - Vanguard International Semiconductor |
|
11 / 68 page ![]() Document:1G5-0133 Rev.1 Page 11 VIS VG3617801CT 16Mb CMOS Synchronous Dynamic RAM Note 1. All entries assume that CKE was active (High level)during the preceding clock cycle. 2. If both banks are idle, and CKE is inactive(Low level), the device will enter Power down mode. All input buffers except CKE will be disabled. 3. Illegal to bank in specified states; Function may be legal in the bank indicated by Bank Address (BA), depending on the state of that bank. 4. If both banks are idle, and CKE is inactive(Low level), the device will enter Self refresh mode. All input buffers except CKE will be disabled. 5. IIIegal if tRCD is not satisfied. 6. IIIegal if tRAS is not satisfied. 7. Must satisfy burst interrupt condition. 8. Must satisfy bus contention, bus turn around, and/or write recovery requirements. 9. Must mask preceding data if tDPL is not satisfied. 10. IIIegal if tRRD is not satisfied. Current state CS RAS CA WE Address Command Action Notes Write recovering H X X X X DESL row active after tDPL L H H H X NOP row active after tDPL L H H L X BST row active after tDPL L H L H BA,CA,A10 READ/READA Start read, Determine AP 8 L H L L BA,CA,A10 WRIT/WRITA New write, Determine AP L L H H BA,RA ACT ILLEGAL 3 L L H L BA,A10 PRE/PALL ILLEGAL 3 L L L H X PEF/SELF ILLEGAL L L L L Op-Code MRS ILLEGAL Write recovering with auto precharge H X X X X DESL precharge after tDPL L H H H X NOP precharge after tDPL L H H L X BST precharge after tDPL L H L H BA,CA,A10 READ/READA ILLEGAL 3,8 L H L L BA,CA,A10 WRIT/WRITA ILLEGAL 3 L L H H BA,RA ACT ILLEGAL 3 L L H L BA,A10 REF/PALL ILLEGAL 3 L L L H X REF/SELF ILLEGAL L L L L Op-Code MRS ILLEGAL Refreshing H X X X X DESL idle after tRC L H H X X NOP/BST idle after tRC L H L X X READ/WRIT ILLEGAL L L H X X ACT/PRE/PALL ILLEGAL L L L X X REF/SELF/MRS ILLEGAL Mode register accessing H X X X X DESL idle after 2 Clocks L H H H X NOP idle after 2 Clocks L H H L X BST ILLEGAL L H L X X READ/WRITE ILLEGAL L L X X X ACT/PRE/PALL/ REF/SELF/MRS ILLEGAL Nop Enter → Nop Enter → Nop Enter → Nop Enter → Nop Enter → Nop Enter → Nop Enter → Nop Enter → Nop Enter → Nop Enter → (3/3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |