Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 33Page - Texas Instruments DAC5688 Datasheet HTML 34Page - Texas Instruments DAC5688 Datasheet HTML 35Page - Texas Instruments DAC5688 Datasheet HTML 36Page - Texas Instruments DAC5688 Datasheet HTML 37Page - Texas Instruments DAC5688 Datasheet HTML 38Page - Texas Instruments DAC5688 Datasheet HTML 39Page - Texas Instruments DAC5688 Datasheet HTML 40Page - Texas Instruments DAC5688 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
CLK2
CLK2C
666 W
333 W
Note:Inputcommonmodelevelis
approximately2/3*CLKVDDor1.2V.
GND
CLKVDD
2 KW
2 KW
0 .1 mF
CLK 2
CLK2C
0 .1 mF
C AC
Differential
ECL
or(LV)PECL
Source
+
-
RT
150 W
100 W
150 W
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
CLK2 and CLK2C Inputs
Figure 39 shows an equivalent circuit for the DAC input clock (CLK2/C).
Figure 39. CLK2/C Equivalent Input Circuit
Figure 40 shows the preferred configuration for driving the CLK2/CLK2C input clock with a differential ECL/PECL
source.
Figure 40. Preferred Clock Input Configuration With a Differential ECL/PECL Clock Source
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com