Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 12Page - Texas Instruments DAC5688 Datasheet HTML 13Page - Texas Instruments DAC5688 Datasheet HTML 14Page - Texas Instruments DAC5688 Datasheet HTML 15Page - Texas Instruments DAC5688 Datasheet HTML 16Page - Texas Instruments DAC5688 Datasheet HTML 17Page - Texas Instruments DAC5688 Datasheet HTML 18Page - Texas Instruments DAC5688 Datasheet HTML 19Page - Texas Instruments DAC5688 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
DAC5688
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Register name: STATUS0 - Address: 0x00, Default 0x01
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PLL_lock
unused
unused
device_ID (2:0)
version(1:0)
0
0
0
0
0
0
0
1
PLL_lock
:
Asserted when the internal PLL is locked. (Read Only)
device_ID(2:0)
:
Returns ‘000’ for DAC5688. (Read Only)
version(1:0)
:
A hardwired register that contains the version of the chip. (Read Only)
Register name: CONFIG1 Address: 0x01, Default 0x0B
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
insel_mode (1:0)
unused
synchr_clkin
twos
inv_inclk
interp_valule(1:0)
0
0
0
0
1
0
1
1
insel_mode(1:0)
:
Controls the expected format of the input data. For the interleaved modes, TXENABLE or the MSB of the port
that does not have data can be used to tell the chip which sample is the A sample. For TXENABLE the sample
aligned with the rising edge is A. For the MSB, it is presumed that this signal will toggle with A and B. The MSB
should be ‘1’ for A and ‘0’ for B. (*** See CONFIG23 ***)
insel_mode
Function
00
Normal input on A and B.
01
Interleaved input on A, which is de-interleaved and placed on
both A and B data paths. (*** See CONFIG23 ***)
10
Interleaved input on B, which is de-interleaved and placed on
both A and B data paths. (*** See CONFIG23 ***)
11
Half rate data on A and B inputs. This data is merge together
to form a single stream of data on the A data path.
synchr_clkin
:
This turns on the synchronous mode of the dual-clock in mode. In this mode, the CLK2/C and CLK1/C must be
synchronous in phase since the slower clock is used to synchronize dividers in the clock distribution circuit.
twos
:
When set (default), the input data format is expected to be 2’s complement. When cleared, the input is
expected to be offset-binary.
inv_inclk
:
This allows the input clock, the clock driving the input side of the FIFO to be inverted. This allows easier
registering of the data (more setup/hold time) in the single-clock mode of the device
interp_value(1:0)
:
These bits define the interpolation factor:
interp_value
Interpolation Factor
00
1X
01
2X
10
4X
11
8X
16
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com