Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 20Page - Texas Instruments DAC5688 Datasheet HTML 21Page - Texas Instruments DAC5688 Datasheet HTML 22Page - Texas Instruments DAC5688 Datasheet HTML 23Page - Texas Instruments DAC5688 Datasheet HTML 24Page - Texas Instruments DAC5688 Datasheet HTML 25Page - Texas Instruments DAC5688 Datasheet HTML 26Page - Texas Instruments DAC5688 Datasheet HTML 27Page - Texas Instruments DAC5688 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
DAC5688
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Register name: CONFIG30 Address: 0x1E, Default 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PLL_LPF_ reset
VCO_div2
PLL_gain(1:0)
PLL_range(3:0)
0
0
0
0
0
0
0
0
PLL_LPF_reset
:
When set, can be used to hold the PLL loop filter at 0 volts.
VCO_div2
:
When set, the PLL CLOCK output is 1/2 the PLL VCO frequency. Used to run the VCO at 2X the desired clock
frequency to reduce phase noise for lower DAC clock rates.
PLL_gain(1:0)
:
Used to adjust the PLL’s Voltage Controlled Oscillator (VCO) gain, KVCO. Refer to the Electrical Characteristics
table. By increasing the PLL_gain, the VCO can cover a broader range of frequencies; however, the higher gain
also increases the phase noise of the PLL. In general, lower PLL_gain settings result in lower phase noise. The
KVCO of the VCO can also affect the PLL stability and is used to determine the loop filter components. See section
on determining the PLL filter components for more detail.
PLL_range(3:0)
:
Used to adjust the bias current of the VCO. By increasing the bias current, the oscillator can reach higher
frequencies. Refer to the Electrical Characteristics table.
'0000' – minimum bias current and lowest VCO frequency range
'1111' – maximum bias current and highest VCO frequency range
24
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com