Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 14Page - Texas Instruments DAC5688 Datasheet HTML 15Page - Texas Instruments DAC5688 Datasheet HTML 16Page - Texas Instruments DAC5688 Datasheet HTML 17Page - Texas Instruments DAC5688 Datasheet HTML 18Page - Texas Instruments DAC5688 Datasheet HTML 19Page - Texas Instruments DAC5688 Datasheet HTML 20Page - Texas Instruments DAC5688 Datasheet HTML 21Page - Texas Instruments DAC5688 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
DAC5688
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Register name: CONFIG5 Address: 0x05, Default 0x22
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
sif4
sif_ sync_sig
clkdiv_sync_ena
clkdiv_sync_sel
Reserved
clkdiv_shift
mixer_gain
unused
0
0
1
0
0
0
1
0
sif4
:
When set, the serial interface (SIF) is a 4 bit interface, otherwise it is a 3 bit interface.
sif_sync_sig
:
SIF created sync signal. Set to ‘1’ to cause a sync and then clear to ‘0’ to remove it.
clkdiv_sync_ena
:
Enables syncing of the clock divider using the sync or TXENABLE pins when the bit is asserted.
clkdiv_sync_sel
:
Selects the input pin to sync the clock dividers. (0 = SYNC, 1 = TXENABLE)
clkdiv_shift
:
When set, a rising edge on the selected sync (see clkdiv_sync_sel) for the clock dividers will cause a slip in the
synchronous counter by 1T and is useful for multi-DAC time alignment.
mixer_gain
:
When set, adds 6dB to the mixer gain output.
Register name: CONFIG6 Address: 0x06, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
phaseoffset(7:0)
0
0
0
0
0
0
0
0
phaseoffset(7:0)
:
See CONFIG7 below.
Register name: CONFIG7 Address: 0x07, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
phaseoffset(15:8)
0
0
0
0
0
0
0
0
phaseoffset(15:8)
:
This is the phase offset added to the NCO accumulator just before generation of the SIN and COS values. The
phase offset is added to the upper 16bits of the NCO accumulator results and these 16 bits are used in the
sin/cosine lookup tables.
Register name: CONFIG8 Address: 0x08, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
phaseadd(7:0)
0
0
0
0
0
0
0
0
phaseadd(7:0)
:
See CONFIG11 below.
Register name: CONFIG9 Address: 0x09, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
phaseadd(15:8)
0
0
0
0
0
0
0
0
phaseadd(15:8)
:
See CONFIG11 below.
Register name: CONFIG10 Address: 0x0A, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
phaseadd(23:16)
0
0
0
0
0
0
0
0
phaseadd(23:16)
:
See CONFIG11 below.
18
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com