Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 28Page - Texas Instruments DAC5688 Datasheet HTML 29Page - Texas Instruments DAC5688 Datasheet HTML 30Page - Texas Instruments DAC5688 Datasheet HTML 31Page - Texas Instruments DAC5688 Datasheet HTML 32Page - Texas Instruments DAC5688 Datasheet HTML 33Page - Texas Instruments DAC5688 Datasheet HTML 34Page - Texas Instruments DAC5688 Datasheet HTML 35Page - Texas Instruments DAC5688 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
X
X
X
X
X
X
Q(t)
I(t)
11
11
10
qmc_gaina(10:0)
qmc_gain b (10:0)
qmc _phase (9 :0)
S
S
13
13
qmb_offset
{-4096, - 4095, … ,4095}
qma_offset
{-4096, - 4095, … ,4095}
I
Q
S
DAC5688
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Quadrature Modulator Correction (QMC)
The Quadrature Modulator Correction (QMC) block provides a means for adjusting the gain and phase of the
complex signal. At a quadrature modulator output, gain and phase imbalances result in an undesired sideband
signal.
The block diagram for the QMC is shown in Figure 30. The QMC block contains 3 programmable parameters:
qmc_gaina(10:0), qmc_gainb(10:0) and qmc_phase(9:0).
Registers qmc_gaina(10:0) and qmc_gainb(10:0) control the I and Q path gains and are 11 bit values with a
range of 0 to approximately 2. This value is used to scale the signal range. Register qmc_phase(9:0) controls the
phase imbalance between I and Q and is a 10-bit value that ranges from –1/8 to approximately +1/8. This value
is multiplied by each Q sample then summed into the I sample path. This operation is a simplified approximation
of a true phase rotation and covers the range from –7.5 to +7.5 degrees in 1024 steps.
Figure 30. QMC Block Diagram
DAC Offset Control
The qmc_offseta(12:0) and qmc_offsetb(12:0) values can be used to independently adjust the I and Q path DC
offsets. Both offset values are in represented in 2s-complement format with a range from –4096 to 4095.
The offset value adds a digital offset to the digital data before digital-to-analog conversion. Since the offset is
added directly to the data it may be necessary to back off the signal to prevent saturation. Both data and offset
values are LSB aligned.
Figure 31. DAC Offset Block
32
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com