Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 17Page - Texas Instruments DAC5688 Datasheet HTML 18Page - Texas Instruments DAC5688 Datasheet HTML 19Page - Texas Instruments DAC5688 Datasheet HTML 20Page - Texas Instruments DAC5688 Datasheet HTML 21Page - Texas Instruments DAC5688 Datasheet HTML 22Page - Texas Instruments DAC5688 Datasheet HTML 23Page - Texas Instruments DAC5688 Datasheet HTML 24Page - Texas Instruments DAC5688 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
Register name: CONFIG18 Address: 0x12, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
qmc_offseta(12:8)
unused
unused
unused
0
0
0
0
0
0
0
0
qmc_offseta(12:8)
: Upper 5 bits of the DACA offset correction.
Register name: CONFIG19 Address: 0x13, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
qmc_offsetb(12:8)
unused
unused
unused
0
0
0
0
0
0
0
0
qmc_offsetb(12:8)
: Upper 5 bits of the DACB offset correction.
Register name: CONFIG20 Address: 0x14, Default 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ser_dac_data(7:0)
0
0
0
0
0
0
0
0
ser_dac_data(7:0)
:
Lower 8 bits of the serial interface controlled DAC value. This data is routed to both DACs when enabled
via ser_dac_data_ena in CONFIG4. Value is expected in 2s complement format.
Register name: CONFIG21 Address: 0x15, Default 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ser_dac_data(15:8)
0
0
0
0
0
0
0
0
ser_dac_data(15:8)
:
Upper 8 bits of the serial interface controlled DAC value. This data is routed to both DACs when enabled via
ser_dac_data_ena in CONFIG4. Value is expected in 2's complement format.
Register name: CONFIG22 Address: 0x16, Default 0x15
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
nco_sel(1:0)
nco_reg_sel(1:0)
qmcorr_reg_sel(1:0)
qmoffset_reg_sel(1:0)
0
0
0
1
0
1
0
1
nco_sel(1:0)
:
Selects the signal to use as the sync for the NCO accumulator.
nco_reg_sel(1:0)
:
Selects the signal to use as the sync for loading the NCO registers.
qmcorr_reg_sel(1:0)
:
Selects the signal to use as the sync for loading the QM correction registers.
qmoffsest_reg_sel(1:0)
:
Selects the signal to use as the sync for loading the QM offset correction registers.
*_sel (1:0)
Sync selected
00
TXENABLE from FIFO output
01
SYNC from FIFO output
10
sync_SIF_sig (via CONFIG5)
11
Always zero
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com