Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 35Page - Texas Instruments DAC5688 Datasheet HTML 36Page - Texas Instruments DAC5688 Datasheet HTML 37Page - Texas Instruments DAC5688 Datasheet HTML 38Page - Texas Instruments DAC5688 Datasheet HTML 39Page - Texas Instruments DAC5688 Datasheet HTML 40Page - Texas Instruments DAC5688 Datasheet HTML 41Page - Texas Instruments DAC5688 Datasheet HTML 42Page - Texas Instruments DAC5688 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
400 W
SCLK
SYNC
TXENABLE
DA[15:0]
DB[15:0]
CLKO _CLK 1**
** Asaninput
Internal
digitalin
IOVDD
GND
RESETB
SDENB
Internal
digitalin
IOVDD
GND
400 W
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
CMOS DIGITAL INPUTS
Figure 43 shows a schematic of the equivalent CMOS digital inputs of the DAC5688. SDIO, SCLK, SYNC,
TXENABLE, DA[15:0] and DB[15:0] have pull-down resistors while RESETB and SDENB have pull-up resistors
internal the DAC5688. See specification table for logic thresholds. The pull-up and pull-down circuitry is
approximately equivalent to 100k
Ω.
The input switches levels for all CMOS digital inputs can be changed from 3.3V input levels to 1.8V input levers
by programming the CONFIG26 io_1p8_3p3 register bit. If io_1p8_3p3 is cleared, the input thresholds are set
for 3.3V CMOS levels. If io_1p8_3p3 is set, the input thresholds are set for 1.8V levels.
Figure 43. CMOS/TTL Digital Equivalent Input
REFERENCE OPERATION
The DAC5688 uses a bandgap reference and control amplifier for biasing the full-scale output current. The
full-scale output current is set by applying an external resistor RBIAS to pin BIASJ. The bias current IBIAS through
resistor RBIAS is defined by the on-chip bandgap reference voltage and control amplifier. The default full-scale
output current equals 16 times this bias current and can thus be expressed as:
IOUTFS = 16 × IBIAS = 16 × VEXTIO / RBIAS
Each DAC has a 4-bit independent coarse gain control via coarse_daca(3:0) and coarse_dacb (3:0) in the
CONFIG27 register. Using gain control, the IOUTFS can be expressed as:
IOUTAFS = (DACA_gain + 1) × IBIAS = (DACA_gain + 1) × VEXTIO / RBIAS
IOUTBFS = (DACB_gain + 1) × IBIAS = (DACB_gain + 1) × VEXTIO / RBIAS
where VEXTIO is the voltage at terminal EXTIO. The bandgap reference voltage delivers an accurate voltage of
1.2 V. This reference is active when terminal EXTLO is connected to AGND. An external decoupling capacitor
CEXT of 0.1 mF should be connected externally to terminal EXTIO for compensation. The bandgap reference can
additionally be used for external reference operation. In that case, an external buffer with high impedance input
should be applied in order to limit the bandgap load current to a maximum of 100 nA. The internal reference can
be disabled and overridden by an external reference by connecting EXTLO to AVDD. Capacitor CEXT may hence
be omitted. Terminal EXTIO thus serves as either input or output node.
The full-scale output current can be adjusted from 20 mA down to 2 mA by varying resistor RBIAS or changing the
externally applied reference voltage. The internal control amplifier has a wide input range, supporting the
full-scale output current range of 20 dB.
DAC TRANSFER FUNCTION
The CMOS DAC’s consist of a segmented array of NMOS current sinks, capable of sinking a full-scale output
current up to 20 mA. Differential current switches direct the current to either one of the complementary output
nodes IOUT1 or IOUT2. (DACA = IOUTA1 or IOUTA2 and DACB = IOUTB1 or IOUTB2.) Complementary output
currents enable differential operation, thus canceling out common mode noise sources (digital feed-through,
on-chip and PCB noise), dc offsets, even order distortion components, and increasing signal output power by a
factor of two.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com