Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 6Page - Texas Instruments DAC5688 Datasheet HTML 7Page - Texas Instruments DAC5688 Datasheet HTML 8Page - Texas Instruments DAC5688 Datasheet HTML 9Page - Texas Instruments DAC5688 Datasheet HTML 10Page - Texas Instruments DAC5688 Datasheet HTML 11Page - Texas Instruments DAC5688 Datasheet HTML 12Page - Texas Instruments DAC5688 Datasheet HTML 13Page - Texas Instruments DAC5688 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
50
55
60
65
70
75
80
85
0
50
100
150
200
250
300
350
F
(MHz)
OUT
Fdata = 200 MSPS
F
= 10.1 MHz, Sweep FMIX
x4 Interpolation
PLL off
IN
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
18
19
20
21
22
IF - MHz
-100
Fdata = 200 MSPS, IQ
F
= 20 MHz ±0.5 MHz
IF = 20 MHz
x4 Interpolation
PLL off
IN
55
60
65
70
75
80
85
90
95
100
105
110
0
50
100
150
200
250
300
350
f - Input Frequency - MHz
i
0 dBFS
-6 dBFS
Fdata = 200 MSPS
IF = F
PLL off
NCO
x4 Interpolation,
DAC5688
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 5. In-Band SFDR vs. Intermediate Frequency
Figure 6. Out-Of-Band SFDR vs Intermediate Frequency
vertical spacer
vertical spacer
vertical spacer
Figure 7. Two Tone IMD vs Intermediate Frequency
Figure 8. Two Tone IMD Spectral Plot
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com