Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 2 Page - Texas Instruments

  DAC5688 Datasheet HTML 1Page - Texas Instruments DAC5688 Datasheet HTML 2Page - Texas Instruments DAC5688 Datasheet HTML 3Page - Texas Instruments DAC5688 Datasheet HTML 4Page - Texas Instruments DAC5688 Datasheet HTML 5Page - Texas Instruments DAC5688 Datasheet HTML 6Page - Texas Instruments DAC5688 Datasheet HTML 7Page - Texas Instruments DAC5688 Datasheet HTML 8Page - Texas Instruments DAC5688 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
InternalClockGenerationand
2x-32xPLL ClockMultiplier
CLK2
CLK2C
LPF
CLKVDD
DVDD
x2
x2
x2
x2
FIR1
AVDD
GND
RESETB
EXTIO
EXTLO
1.2 V
Reference
BIASJ
IOUTA1
IOUTA2
16-bDAC
2-8xFdata
FIR4
IOUTB1
IOUTB2
16-bDAC
FIR3
x
sin(x)
x
sin(x)
TXENABLE
DA[15:0]
DB[15:0]
CLKO_CLK1
LOCK_CLK1C
QMC
B-Offset
QMC
A-Offset
B
gain
A
gain
SIFControl
SCLK
SDENB
SDO
SDIO
sin
32-bitNCO
cos
x2
x2
FIR2
2x – 8xInterpolation
SYNC
CLKOUT
LOCK
Updated: 2-Oct-07
IOVDD
67 taps
11 taps
19 taps
9 taps
VFUSE
DB6
DB7
DB8
DB9
DB10
DB11
DVDD
DB12
DB13
DB14
DB15
VFUSE
SDO
SDIO
SCLK
SDENB
DA8
DA9
DA10
DA11
DA12
DA13
DVDD
DA14
DA15
IOVDD
SYNC
TXENABLE
GND
CLK2C
CLK2
CLKVDD
DAC5688
RGCPackage
64QFN,9x9mm
(TopView)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
48
DAC5688
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FUNCTIONAL BLOCK DIAGRAM
PINOUT
2
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com